Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC5721NNM1R Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC5721NNM1R
Description  1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5721NNM1R Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC5721NNM1R Datasheet HTML 1Page - E-CMOS Corporation EC5721NNM1R Datasheet HTML 2Page - E-CMOS Corporation EC5721NNM1R Datasheet HTML 3Page - E-CMOS Corporation EC5721NNM1R Datasheet HTML 4Page - E-CMOS Corporation EC5721NNM1R Datasheet HTML 5Page - E-CMOS Corporation EC5721NNM1R Datasheet HTML 6Page - E-CMOS Corporation EC5721NNM1R Datasheet HTML 7Page - E-CMOS Corporation EC5721NNM1R Datasheet HTML 8Page - E-CMOS Corporation EC5721NNM1R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5721
E-CMOS Corp. (www.ecmos.com.tw)
3L23N-Rev.P001
Page 1 of 13
General Description
The EC5721 is a single supply, low power CMOS
operational amplifier; these amplifiers offer bandwidth of
1MHz, rail-to-rail inputs and outputs, and single-supply
operation from 2.2V to 5.5V. Typical low quiescent supply
current of 40μA in single operational amplifier within one
chip and very low input bias current of 10pA make the
devices an ideal choice for low offset, low power
consumption and high impedance applications such as
smoke detectors, photodiode amplifiers, and other sensors.
The EC5721 is available in SOT23-5 and SOP-8 packages.
The extended temperature range of -40 ℃ to +125 ℃over
all supply voltages offers additional design flexibility.
Features
Single-Supply Operation from +2.2V ~ +5.5V
Rail-to-Rail Input / Output
Gain-Bandwidth Product: 1MHz (Typ.)
Low Input Bias Current: 10pA (Typ.)
Low Offset Voltage: 5mV (Max.)
Quiescent Current: 40μA (Typ.)
Operating Temperature: -40°C ~ +125°C
Available in SOT23-5 and SOP-8 Packages
Applications
● Portable Equipment
● Mobile Communications
● Smoke Detector
● Sensor Interface
● Medical Instrumentation
● Battery-Powered Instruments
● Handheld Test Equipment
Pin Assignments
Figure 1. Pin Assignment Diagram (SOT23-5 and SOP-8 Package)


Similar Part No. - EC5721NNM1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
EC5724NNE1R E-CMOS-EC5724NNE1R Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
EC5724NNM1R E-CMOS-EC5724NNM1R Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
More results

Similar Description - EC5721NNM1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
   1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5821 E-CMOS-EC5821 Datasheet
343Kb / 11P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
TECH PUBLIC Electronics...
TPMCP6022T-ISN TECHPUBLIC-TPMCP6022T-ISN Datasheet
3Mb / 5P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
2021.6.15
logo
E-CMOS Corporation
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
   Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com