Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC5741 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC5741
Description  Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5741 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC5741 Datasheet HTML 5Page - E-CMOS Corporation EC5741 Datasheet HTML 6Page - E-CMOS Corporation EC5741 Datasheet HTML 7Page - E-CMOS Corporation EC5741 Datasheet HTML 8Page - E-CMOS Corporation EC5741 Datasheet HTML 9Page - E-CMOS Corporation EC5741 Datasheet HTML 10Page - E-CMOS Corporation EC5741 Datasheet HTML 11Page - E-CMOS Corporation EC5741 Datasheet HTML 12Page - E-CMOS Corporation EC5741 Datasheet HTML 13Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Super Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5741
E-CMOS Corp. (www.ecmos.com.tw)
3L03N-Rev.P001
Page 9 of 15
Electrical Characteristics
(VDD = +5V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RL=100K tied to VDD/2, SHDNB = VDD, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA =+25°C.) (Notes 1)
Note 1: All devices are 100% production tested at TA = 25℃; all specifications over the automotive
temperature range is guaranteed by design, not production tested.
Note 2: Parameter is guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TY
P
MAX
UNIS
Supply-Voltage Range
VDD
Guaranteed by the PSRR test
1.4
5.5
V
Quiescent Supply Current
(per Amplifier)
IQ
VDD = 5V
1.0
2.0
μA
Shutdown Mode (PDB = VSS)
0.1
uA
Input Offset Voltage
Vos
1
±5
mV
Input Offset Voltage
Tempco
ΔVos/ΔT
0.5
uV/ ℃
Input Bias Current
IB
(Note 2)
1
pA
Input Offset Current
Ios
(Note 2)
1
pA
Input Common-Mode
Voltage Range
VCM
-0.1
VDD+0.1
V
Common-Mode
Rejection
Ratio
CMRR
VDD=5.5 Vss-0.1V ≦VCM
VDD+0.1V
60
70
dB
Vss≤VCM≤5V
65
80
Power-Supply Rejection
Ratio
PSRR
VDD = +1.8V to +5.5V
65
80
dB
Open-Loop Voltage Gain
AV
VDD=5V, RL=50k
,
0.1V≤V
O≤4.9V
90
dB
VDD=1.4V, RL=50k
,
0.1V≤V
O≤4.9V
80
dB
Output Voltage Swing
VOUT
|VIN+-VIN-| ≧10mV
VDD-VOH
6
mV
RL = 100kΩ to VDD/2 VOL-Vss
6
|VIN+-VIN| ≧10mV
VDD-VOH
40
RL = 50k to VDD/2
VOL-Vss
40
Output Short-Circuit
Current
ISC
Sinking or Sourcing
±3
mA
Gain Bandwidth Product
GBW
Av = +1V/V
9
KHz
Slew Rate
SR
Av = +1V/V
4.5
V/ms
Settling Time
ts
To 0.1%, VOUT = 2V step
Av = +1V/V
650
us
Input Voltage Noise
Density
en
VDD=5V, f = 1kHz
VDD=1.4V , f = 1kHz
150
150
nV/VHz


Similar Part No. - EC5741

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EC57 NXP-EC57 Datasheet
283Kb / 11P
   DISC-SEAL TRIODE FOR USE AS POWER AMPLIFIER
2.2.1957
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5721NNB2R E-CMOS-EC5721NNB2R Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5721NNM1R E-CMOS-EC5721NNM1R Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
More results

Similar Description - EC5741

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5821 E-CMOS-EC5821 Datasheet
343Kb / 11P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
TECH PUBLIC Electronics...
TPMCP6022T-ISN TECHPUBLIC-TPMCP6022T-ISN Datasheet
3Mb / 5P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
2021.6.15
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
EC5822 E-CMOS-EC5822 Datasheet
539Kb / 12P
   10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com