Electronic Components Datasheet Search |
|
5962-9221305MRA Datasheet(PDF) 1 Page - Texas Instruments |
|
|
5962-9221305MRA Datasheet(HTML) 1 Page - Texas Instruments |
1 / 11 page CY54FCT240T, CY74FCT240T 8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS SCCS017A – MAY 1994 – REVISED OCTOBER 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Function, Pinout, and Drive Compatible With FCT and F Logic D Reduced VOH (Typically = 3.3 V) Versions of Equivalent FCT Functions D Edge-Rate Control Circuitry for Significantly Improved Noise Characteristics D Ioff Supports Partial-Power-Down Mode Operation D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) D Matched Rise and Fall Times D Fully Compatible With TTL Input and Output Logic Levels D CY54FCT240T – 48-mA Output Sink Current 12-mA Output Source Current D CY74FCT240T – 64-mA Output Sink Current 32-mA Output Source Current D 3-State Outputs description The ’FCT240T devices are octal buffers and line drivers designed to be employed as memory address drivers, clock drivers, and bus-oriented transmitters/receivers. These devices provide speed and drive capabilities equivalent to their fastest bipolar logic counterparts, while reducing power consumption. The input and output voltage levels allow direct interface with TTL, NMOS, and CMOS devices without external components. These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. Copyright 2001, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. CY54FCT240T ...L PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OEA DA0 OB0 DA1 OB1 DA2 OB2 DA3 OB3 GND VCC OEB OA0 DB0 OA1 DB1 OA2 DB2 OA3 DB3 CY54FCT240T ...D PACKAGE CY74FCT240T ...Q OR SO PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 OA0 DB0 OA1 DB1 OA2 DA1 OB1 DA2 OB2 DA3 On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Similar Part No. - 5962-9221305MRA |
|
Similar Description - 5962-9221305MRA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |