Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5360 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5360
Description  200MHz Low-Power Current Feedback Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5360 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5360 Datasheet HTML 1Page - Intersil Corporation EL5360 Datasheet HTML 2Page - Intersil Corporation EL5360 Datasheet HTML 3Page - Intersil Corporation EL5360 Datasheet HTML 4Page - Intersil Corporation EL5360 Datasheet HTML 5Page - Intersil Corporation EL5360 Datasheet HTML 6Page - Intersil Corporation EL5360 Datasheet HTML 7Page - Intersil Corporation EL5360 Datasheet HTML 8Page - Intersil Corporation EL5360 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN7387.8
September 8, 2005
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL5160IS
8-Pin SO (0.150”)
-
MDP0027
EL5160IS-T7
8-Pin SO (0.150”)
7”
MDP0027
EL5160IS-T13
8-Pin SO (0.150”)
13”
MDP0027
EL5160ISZ
(See Note)
8-Pin SO (0.150”)
(Pb-Free)
-
MDP0027
EL5160ISZ-T7
(See Note)
8-Pin SO (0.150”)
(Pb-Free)
7”
MDP0027
EL5160ISZ-T13
(See Note)
8-Pin SO (0.150”)
(Pb-Free)
13”
MDP0027
EL5160IW-T7
6-Pin SOT-23
7” (3K pcs)
MDP0038
EL5160IW-T7A
6-Pin SOT-23
7” (250 pcs)
MDP0038
EL5160IWZ-T7
(See Note)
6-Pin SOT-23
(Pb-Free)
7” (3K pcs)
MDP0038
EL5160IWZ-T7A
(See Note)
6-Pin SOT-23
(Pb-Free)
7” (250 pcs)
MDP0038
EL5161IW-T7
5-Pin SOT-23
7” (3K pcs)
MDP0038
EL5161IW-T7A
5-Pin SOT-23
7” (250 pcs)
MDP0038
EL5161IWZ-T7
(See Note)
5-Pin SOT-23
(Pb-Free)
7” (3K pcs)
MDP0038
EL5161IWZ-T7A
(See Note)
5-Pin SOT-23
(Pb-Free)
7” (250 pcs)
MDP0038
EL5161IC-T7
5-Pin SC-70
7” (3K pcs)
P5.049
EL5161IC-T7A
5-Pin SC-70
7” (250 pcs)
P5.049
EL5260IY
10-Pin MSOP
-
MDP0043
EL5260IY-T7
10-Pin MSOP
7”
MDP0043
EL5260IY-T13
10-Pin MSOP
13”
MDP0043
EL5260IYZ
(See Note)
10-Pin MSOP
(Pb-free)
-
MDP0043
EL5260IYZ-T7
(See Note)
10-Pin MSOP
(Pb-free)
7”
MDP0043
EL5260IYZ-T13
(See Note)
10-Pin MSOP
(Pb-free)
13”
MDP0043
EL5261IY
8-Pin MSOP
-
MDP0043
EL5261IY-T7
8-Pin MSOP
7”
MDP0043
EL5261IY-T13
8-Pin MSOP
13”
MDP0043
EL5261IS
8-Pin SO (0.150”)
-
MDP0027
EL5261IS-T7
8-Pin SO (0.150”)
7”
MDP0027
EL5261IS-T13
8-Pin SO (0.150”)
13”
MDP0027
EL5261ISZ
(See Note)
8-Pin SO (0.150”)
(Pb-free)
-
MDP0027
EL5261ISZ-T7
(See Note)
8-Pin SO (0.150”)
(Pb-free)
7”
MDP0027
EL5261ISZ-T13
(See Note)
8-Pin SO (0.150”)
(Pb-free)
13”
MDP0027
EL5360IS
16-Pin SO (0.150”)
-
MDP0027
EL5360IS-T7
16-Pin SO (0.150”)
7”
MDP0027
EL5360IS-T13
16-Pin SO (0.150”)
13”
MDP0027
EL5360ISZ
(See Note)
16-Pin SO (0.150”)
(Pb-Free)
-
MDP0027
EL5360ISZ-T7
(See Note)
16-Pin SO (0.150”)
(Pb-Free)
7”
MDP0027
EL5360ISZ-T13
(See Note)
16-Pin SO (0.150”)
(Pb-Free)
13”
MDP0027
EL5360IU
16-Pin QSOP
-
MDP0040
EL5360IU-T7
16-Pin QSOP
7”
MDP0040
EL5360IU-T13
16-Pin QSOP
13”
MDP0040
EL5360IUZ
(See Note)
16-Pin QSOP
(Pb-Free)
-
MDP0040
EL5360IUZ-T7
(See Note)
16-Pin QSOP
(Pb-Free)
7”
MDP0040
EL5360IUZ-T13
(See Note)
16-Pin QSOP
(Pb-Free)
13”
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5360

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5360 INTERSIL-EL5360 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5360 RENESAS-EL5360 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Intersil Corporation
EL5360IS INTERSIL-EL5360IS Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5360IS-T13 INTERSIL-EL5360IS-T13 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5360IS-T7 INTERSIL-EL5360IS-T7 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5360

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com