Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7554IRE-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL7554IRE-T7
Description  Monolithic 4 Amp DC-DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7554IRE-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL7554IRE-T7 Datasheet HTML 6Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 7Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 8Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 9Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 10Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 11Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 12Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 13Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN7360.2
January 31, 2005
Figure 18 shows the waveforms.
FIGURE 21. ADJUSTABLE START-UP
In this application, CIN and COUT may be increased to
reduce input/output ripple because the pulse skipping nature
of the method.
2. CASCADE START-UP
In this configuration, EN pin of Regulator 2 is connected to
the PG pin of Regulator 1 (Figure 22). VO2 will only start
after VO1 is good.
FIGURE 22. CASCADE START-UP
3. LINEAR START-UP
In the linear start-up tracking configuration, the regulator with
lower output voltage, VO2, tracks the one with higher output
voltage, VO1. The waveform is shown in Figure 19.
FIGURE 23. LINEAR START-UP TRACKING
4. OFFSET START-UP
Compared with the cascade start-up, this configuration
allows Regulator 2 to begin the start-up process when VO1
reaches a particular value of VREF*(1+RB/RA) before PG
goes HI, where VREF is the regulator reference voltage.
VREF=1.26.
FIGURE 24. OFFSET START-UP TRACKING
Component Selection
INPUT CAPACITOR
The main functions of the input capacitor(s) are to maintain
the input voltage steady and to filter out the pulse current
passing through the upper switch. The root-mean-square
value of this current is:
for a wide range of VIN and VO.
For long-term reliability, the input capacitor or combination of
capacitors must have the current rating higher than IIN,RMS.
Use X5R or X7R type ceramic capacitors, or SPCAP or
POSCAP types of Polymer capacitors for their high current
handling capability.
INDUCTOR
The NFET positive current limit is set at about 0.5A. For
optimal operation, the peak-to-peak inductor current ripple
∆IL should be less than 1A. The following equation gives the
inductance value:
The peak current the inductor sees is:
When inductor is chosen, make sure the inductor can handle
this peak current and the average current of IO.
OUTPUT CAPACITOR
If there is no holding time requirement for output; output
voltage ripple and transient response are the main deciding
factors in choosing the output capacitor. Initially, choose the
VIN
STP
VO
-
+
STN
0.1µF
200K
VO
TST
R
C
EL7554
EL7554
VIN
EL7554
EN
PG
VO2
VO1
VO2
VO1
VIN
STP
VO1
-
+
STN
C
R
-
+
VIN
VO2
VO1
VO2
EL7554
EL7554
VIN
VO1
-
+
VIN
VO2
VREF
RB
RA
VO1
VO2
VREF(1+RB/RA)
EL7554
EL7554
I
IN,RMS
V
O
V
IN
V
O
()
×
V
IN
-----------------------------------------------
I
O
1/2
×
I
(
O )
=
L
V
IN
(
V
O )
V
O
×
V
IN
∆I
L
F
S
×
×
--------------------------------------------
=
I
LPK
I
O
∆I
L
2
--------
+
=
EL7554


Similar Part No. - EL7554IRE-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554IRE-T7 INTERSIL-EL7554IRE-T7 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7554IRE-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com