Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS8 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # ABS8
Description  0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ABS8 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ABS8 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ABS8 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: SOPA-4, ABS, Molded Plastic
ABS05 - ABS10
Characteristic
Symbol
ABS05 ABS1
ABS2
ABS4 ABS6 ABS8 ABS10
Unit
ABS05 – ABS10
High Surge Current Capability
Glass Passivated Die Construction
Designed for Surface Mount Application
MIL-STD-202, Method 208
C
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
!
Low Forward Voltage Drop
!
High Current Capability
!
-
+
H
!
~
~
D
E
!
Plastic Material – UL Flammability 94V-O
                 
A
L
Mechanical Data
J
!
!
MIL-STD-202, Method 208
!
Polarity: As Marked on Case
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm2 solder pad.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
!
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
K
B
G
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current (Note 1) @TA = 40°C
Average Rectified Output Current (Note 2) @TA = 40°C
IO
0.5
0.8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
I2t Rating for Fusing (t < 8.3ms)
I2t5.0
A2s
Forward Voltage per element
@IF = 0.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per leg (Note 3)
Cj
13
pF
Typical Thermal Resistance per leg (Note 1)
RJA
RJL
62.5
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
ABS
Dim
Min
Max
A
4.80
5.30
B
4.20
4.60
C
0.15
0.25
D
—0.20
E
G
0.30
0.70
H
0.90
1.10
J
K
L
All Dimensions in mm
6.00
6.80
—1.50
1.22
1.72
3.80
4.20
Alldatasheet


Similar Part No. - ABS8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS8 ETC1-ABS8 Datasheet
451Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
GUANGDONG HOTTECH INDUS...
ABS8 HOTTECH-ABS8 Datasheet
206Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIER
logo
Leshan Radio Company
ABS8 LRC-ABS8 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Compact Technology Corp...
ABS8 CTC-ABS8 Datasheet
252Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
ABS8 DYELEC-ABS8 Datasheet
1Mb / 2P
   SINGLE PHASE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 0.8AMP
More results

Similar Description - ABS8

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Yint Electroni...
MB1M YINT-MB1M Datasheet
476Kb / 3P
   0.5A Surface Mount Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LB05F ZSELEC-LB05F Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LLB05S ZSELEC-LLB05S Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
B05M ZSELEC-B05M Datasheet
47Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com