Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY500-50 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # BY500-50
Description  5.0A FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

BY500-50 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  BY500-50 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd BY500-50 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

0
2
4
6
8
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1, Typical Forward Current Derating Curve
A
°
0.1
1
10
100
1000
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 3, Typical Instantaneous Forward Characteristics
F
T = 25 C
Pulse Width = 300 s
1% Duty Cycle
J
°
µ
1.0
10
100
1000
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
BY500-50 – BY500-1000
2 of 2
BY500-50 – BY500-1000
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
100
150
200
250
300
350
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 2 Max Non-Repetitive Peak Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
Alldatasheet


Similar Part No. - BY500-50

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diotec Semiconductor
BY500-50 DIOTEC-BY500-50 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
logo
Semikron International
BY500-50 SEMIKRON-BY500-50 Datasheet
143Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
BY500-50 DIOTEC-BY500-50 Datasheet
58Kb / 2P
   Fast Si-Rectifiers -Schnelle Si-Gleichrichter
logo
Shenzhen Luguang Electr...
BY500-50 LUGUANG-BY500-50 Datasheet
369Kb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
More results

Similar Description - BY500-50

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FR501 ZSELEC-FR501 Datasheet
83Kb / 2P
   5.0A FAST RECOVERY DIODE
PR5001 ZSELEC-PR5001 Datasheet
136Kb / 2P
   5.0A FAST RECOVERY DIODE
PG500R ZSELEC-PG500R Datasheet
137Kb / 2P
   5.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR501G ZSELEC-FR501G Datasheet
84Kb / 2P
   5.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR5001G ZSELEC-PR5001G Datasheet
137Kb / 2P
   5.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
TAITRON Components Inco...
TUF501 TAITRON-TUF501 Datasheet
136Kb / 4P
   5.0A Ultra Fast Recovery Rectifier
TSF51 TAITRON-TSF51 Datasheet
138Kb / 4P
   5.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
47Kb / 2P
   5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com