Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5134ISZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5134ISZ-T7
Description  630MHz, Gain of 5, Low Noise Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5134ISZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5134ISZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5134ISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5134ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5134ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5134ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5134ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5134ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5134ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5134ISZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN7383.2
October 3, 2005
FIGURE 5. GAIN BANDWIDTH PRODUCT vs SUPPLY
VOLTAGES
FIGURE 6. GAIN vs FREQUENCY FOR VARIOUS +AV
FIGURE 7. GAIN vs FREQUENCY FOR VARIOUS ±VS
FIGURE 8. GAIN vs FREQUENCY FOR VARIOUS RLOAD
(AV = +5)
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS RLOAD
(AV = +10)
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS CLOAD
(AV = +5)
Typical Performance Curves (Continued)
800
1000
1200
1400
1600
1800
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGES (±V)
VS = ±5V
RL = 500Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
1K
FREQUENCY (MHz)
AV = +20
AV = +5
AV = +10
VS = ±5V
RG = 25Ω
RL = 500Ω
CL = 5pF
AV = +20
AV = +10
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
VS = ±6V
110
100
VS = ±3V
AV = +5V
RG = 25Ω
RL = 500Ω
CL = 5pF
VS = ±5V
VS = ±4V
VS = ±2.5V
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
110
100
VS = ±5V
AV = +5
RL = 500Ω
CL = 5pF
RL = 1kΩ
RL = 150Ω
RL = 500Ω
RL = 100Ω
RL = 50Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
110
100
RL = 100Ω
RL = 150Ω
RL = 1kΩ
RL = 500Ω
RL = 50Ω
VS = ±5V
AV = +10
RG = 25Ω
CL = 10pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
110
100
CL = 18pF
CL = 12pF
CL = 8.2pF
CL = 4.7pF
CL = 0pF
VS = ±5V
AV = +5
RG = 25Ω
RF = 100Ω
RL = 500Ω
EL5134, EL5135, EL5234, EL5235


Similar Part No. - EL5134ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134ISZ-T7 INTERSIL-EL5134ISZ-T7 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
EL5134ISZ-T7 INTERSIL-EL5134ISZ-T7 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134ISZ-T7 RENESAS-EL5134ISZ-T7 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5134ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_07 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_06 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
logo
Tyco Electronics
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
   Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com