Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5150IW-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5150IW-T7
Description  200MHz Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5150IW-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5150IW-T7 Datasheet HTML 1Page - Intersil Corporation EL5150IW-T7 Datasheet HTML 2Page - Intersil Corporation EL5150IW-T7 Datasheet HTML 3Page - Intersil Corporation EL5150IW-T7 Datasheet HTML 4Page - Intersil Corporation EL5150IW-T7 Datasheet HTML 5Page - Intersil Corporation EL5150IW-T7 Datasheet HTML 6Page - Intersil Corporation EL5150IW-T7 Datasheet HTML 7Page - Intersil Corporation EL5150IW-T7 Datasheet HTML 8Page - Intersil Corporation EL5150IW-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN7384.4
February 14, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5V to VS +0.5V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Current into IN+, IN-, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 150Ω, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RL = 500Ω
200
MHz
AV = +2, RL = 150Ω
40
MHz
GBWP
Gain Bandwidth Product
AV = 500
40
MHz
BW1
0.1dB Bandwidth
AV = +1, RL = 500Ω
10
MHz
SR
Slew Rate
VO = ±2.5V, AV = +2
50
67
V/µs
VO = ±3.0V, AV = 1, RL = 500Ω
100
V/µs
tS
0.1% Settling Time
VOUT = -1V to +1V, AV = -2
80
ns
dG
Differential Gain Error (Note 1)
AV = +2, RL = 150Ω
0.04
%
dP
Differential Phase Error (Note 1)
AV = +2, RL = 150Ω
0.9
°
VN
Input Referred Voltage Noise
12
nV/
√Hz
IN
Input Referred Current Noise
1.0
pA/
√Hz
DC PERFORMANCE
VOS
Offset Voltage
-1
0.5
1
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
-2
µV/°C
AVOL
Open Loop Gain
15
56
kV/V
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
Guaranteed by CMRR test
-3.5
+3.5
V
CMRR
Common Mode Rejection Ratio
85
100
dB
IB
Input Bias Current
-100
20
+100
nA
IOS
Input Offset Current
-30
6
30
nA
RIN
Input Resistance
80
170
M
CIN
Input Capacitance
1pF
OUTPUT CHARACTERISTICS
VOUT
Output Voltage Swing Low
RL = 150Ω to GND
±2.5
±2.8
V
RL = 500Ω to GND
±3.1
±3.4
V
IOUT
Output Current
RL = 10Ω to GND
±40
±70
mA
EL5150, EL5151, EL5250, EL5251, EL5451


Similar Part No. - EL5150IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5150IW-T7 INTERSIL-EL5150IW-T7 Datasheet
726Kb / 18P
   200MHz Amplifiers
EL5150IW-T7 INTERSIL-EL5150IW-T7 Datasheet
404Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5150IW-T7 RENESAS-EL5150IW-T7 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150IW-T7A INTERSIL-EL5150IW-T7A Datasheet
726Kb / 18P
   200MHz Amplifiers
EL5150IW-T7A INTERSIL-EL5150IW-T7A Datasheet
404Kb / 18P
   200MHz Amplifiers
More results

Similar Description - EL5150IW-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_06 Datasheet
726Kb / 18P
   200MHz Amplifiers
EL5150 INTERSIL-EL5150_08 Datasheet
404Kb / 18P
   200MHz Amplifiers
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com