Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3SB80 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # D3SB80
Description  4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

D3SB80 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  D3SB80 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd D3SB80 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D3SB
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Approx. Weight: 4.6 grams
·
Marking: Type Number
Mechanical Data
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 120A Peak
·
Ideal for Printed Circuit Board Applications
·
Plastic Material - UL Flammability
Classification 94V-0
·
UL Listed Under Recognized Component Index,
File Number E94661
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
_
A
B
D
J
K
C
E
G
H
L
M
N
P
R
Dim
Min
Max
A
24.80
25.20
B
14.70
15.30
C
4.00 Nominal
D
17.20
17.80
E
0.90
1.10
G
7.30
7.70
H
3.10 Æ 3.40 Æ
J
3.30
3.70
K
1.50
1.90
L
9.30
9.70
M
2.50
2.90
N
3.40
3.80
P
4.40
4.80
R
0.60
0.80
All Dimensions in mm
Characteristic
Symbol
05
10
20
40
60
80
100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TC = 115°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave superimposed on rated load
(JEDEC method)
IFSM
120
A
Forward Voltage per element
@ IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per Element (Note 1)
Cj
40
pF
Typical Thermal Resistance (Note 2)
RqJC
5.5
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to case per element. Unit mounted on 300 x 300 x 1.6mm aluminum plate heat sink.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
1 of 2
D3SB05 - D3SB100
D3SB
D3SB
D3SB
D3SB
D3SB
D3SB
D3SB05 - D3SB100
3S
Alldatasheet


Similar Part No. - D3SB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3SB80 SHINDENGEN-D3SB80 Datasheet
298Kb / 6P
   General Purpose Rectifiers(800V 4A)
logo
Shanghai Sunrise Electr...
D3SB80 SSE-D3SB80 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D3SB80 LRC-D3SB80 Datasheet
55Kb / 2P
   4.0A BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
D3SB80 PFS-D3SB80 Datasheet
346Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
SeCoS Halbleitertechnol...
D3SB80 SECOS-D3SB80 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results

Similar Description - D3SB80

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ4A ZSELEC-KBJ4A Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ4005 ZSELEC-KBJ4005 Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBL401 YFWDIODE-GBL401 Datasheet
638Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBU401 YFWDIODE-GBU401 Datasheet
898Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005_15 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ4A ZSELEC-GBJ4A Datasheet
57Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D4KB1 YFWDIODE-D4KB1 Datasheet
456Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP401 YFWDIODE-KBP401 Datasheet
825Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
UD4KB10 YFWDIODE-UD4KB10 Datasheet
457Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com