Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # DB3
Description  SILICON BIDIRECTIONAL DIACS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

DB3 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  DB3 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd DB3 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DB3
DB3
2 of 2
FIG.2-TEST CIRCUIT FOR OUTPUT VOLATGE
VO
220V
60HZ
10K
Ω
500K
Ω
D.U.T
R=20
Ω
0.1uF
tr
FIG.3-TEST CIRCUIT SEE FIG.2 ADJUST R
FOR Ip=0.5A
10%
90%
IP
FIG.4-TEST CIRCUIT FOR OUTPUT
VOLATGE
P(mW)
160
140
120
100
80
60
40
20
0
0
30
50
70 80
90
60
20
10
40
130
100 110 120
Tamb(
°C)
FIG.5-RELATIVE VARIATION OF VBO VERSUS
JUNCTION TEMPERATURE(TYPICAL VALUES)
VBO(IJ)
VBO(TJ=25℃)
25
50
75
100
125
.00
.02
1.04
1.08
.06
TJ = (
°C)
FIG.6-PEAK PULSE CURRENT VERSUS PULSE
DURATION (MAXIMUM VALUES)
f = 100Hz
Tjinitial=25
°C
tp(us)
10
100
1000
10000
0.01
0.1
1
2
ITRM(A)
FIG.1-CURRENT-VOLTAGE CHARACTERISTICS
-IF
+IF
-V
+V
10mA
IB
△V
VBO
IB
0.5VBO
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
DB3 SHUNYE-DB3 Datasheet
462Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
   TRIGGER DIODES
logo
EIC discrete Semiconduc...
DB3 EIC-DB3 Datasheet
114Kb / 1P
   SILICON BI-DIRECTIONAL DIACS
Rev. 03: December 7, 2006
logo
Yangzhou yangjie electr...
DB3 YANGJIE-DB3 Datasheet
536Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Micro Commercial Compon...
DB3 MCC-DB3 Datasheet
537Kb / 3P
   SILICON BIDIRECTIONAL DIAC
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
   SILICON BIDIRECTIONAL DIACS
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
   Silicon Bidirectional Diacs
logo
Diode Semiconductor Kor...
DB3M DSK-DB3M Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
LLDB3 DSK-LLDB3 Datasheet
481Kb / 2P
   SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com