Electronic Components Datasheet Search |
|
INA180 Datasheet(PDF) 10 Page - Texas Instruments |
|
INA180 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 32 page Temperature (qC) -50 -25 0 25 50 75 100 125 150 190 195 200 205 210 D023 Common-mode Voltage (V) -5 0 5 10 15 20 25 30 150 200 250 300 350 400 D031 Common-Mode Voltage (V) -5 0 5 10 15 20 25 30 -20 0 20 40 60 80 100 120 D021 Temperature (qC) -50 -25 0 25 50 75 100 125 150 75 76 77 78 79 80 81 82 83 84 85 D022 Output Current (mA) 0 5 10 15 20 25 30 35 40 45 50 55 60 V S V – 1 S GND GND + 1 GND + 2 D019 125°C 25 C ° –40°C V – 2 S Common-Mode Voltage (V) -5 0 5 10 15 20 25 30 -20 0 20 40 60 80 100 120 D020 10 INA180, INA2180 SBOS741A – APRIL 2017 – REVISED AUGUST 2017 www.ti.com Product Folder Links: INA180 INA2180 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Typical Characteristics (continued) at TA = 25°C, VS = 5 V, and VIN+ = 12 V (unless otherwise noted) Figure 19. Output Voltage Swing vs Output Current Supply voltage = 5 V Figure 20. Input Bias Current vs Common-Mode Voltage Supply voltage = 0 V Figure 21. Input Bias Current vs Common-Mode Voltage (Shutdown) Figure 22. Input Bias Current vs Temperature Figure 23. Quiescent Current vs Temperature Figure 24. Quiescent Current vs Common-Mode Voltage |
Similar Part No. - INA180_17 |
|
Similar Description - INA180_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |