Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180B2IDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA180B2IDBVR
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180B2IDBVR Datasheet(HTML) 4 Page - Texas Instruments

  INA180B2IDBVR Datasheet HTML 1Page - Texas Instruments INA180B2IDBVR Datasheet HTML 2Page - Texas Instruments INA180B2IDBVR Datasheet HTML 3Page - Texas Instruments INA180B2IDBVR Datasheet HTML 4Page - Texas Instruments INA180B2IDBVR Datasheet HTML 5Page - Texas Instruments INA180B2IDBVR Datasheet HTML 6Page - Texas Instruments INA180B2IDBVR Datasheet HTML 7Page - Texas Instruments INA180B2IDBVR Datasheet HTML 8Page - Texas Instruments INA180B2IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
1
OUT1
8
VS
2
IN±1
7
OUT2
3
IN+1
6
IN±2
4
GND
5
IN+2
Not to scale
4
INA180, INA2180
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
INA2180: DGK Package(1)
8-Pin VSSOP
Top View
(1)
INA2180 is preview device. See Package Option Addendum at the end of the data sheet for more information.
Pin Functions: INA2180
PIN
I/O
DESCRIPTION
NAME
NO.
GND
4
Analog
Ground
IN–1
2
Analog input
Current-sense amplifier negative input for channel 1. For high-side applications, connect to
load side of channel-1 sense resistor. For low-side applications, connect to ground side of
channel-1 sense resistor.
IN+1
3
Analog input
Current-sense amplifier positive input for channel 1. For high-side applications, connect to
bus-voltage side of channel-1 sense resistor. For low-side applications, connect to load side of
channel-1 sense resistor.
IN–2
6
Analog input
Current-sense amplifier negative input for channel 2. For high-side applications, connect to
load side of channel-2 sense resistor. For low-side applications, connect to ground side of
channel-2 sense resistor.
IN+2
5
Analog input
Current-sense amplifier positive input for channel 2. For high-side applications, connect to
bus-voltage side of channel-2 sense resistor. For low-side applications, connect to load side of
channel-2 sense resistor.
OUT1
1
Analog output
Channel 1 output voltage
OUT2
7
Analog output
Channel 2 output voltage
VS
8
Analog
Power supply, 2.7 V to 5.5 V


Similar Part No. - INA180B2IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180B2IDBVR TI1-INA180B2IDBVR Datasheet
1Mb / 30P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180B2IDBVR TI1-INA180B2IDBVR Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180B2IDBVR TI1-INA180B2IDBVR Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180B2IDBVR TI1-INA180B2IDBVR Datasheet
2Mb / 51P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results

Similar Description - INA180B2IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180 TI1-INA180_V01 Datasheet
2Mb / 51P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 30P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Texas Instruments
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
   High-Side Current-Sense Amplifier with Low Impedance Voltage Output
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com