Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G126 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AUP1G126
Description  Low-Power Single Bus Buffer Gate With 3-State Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G126 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G126_17 Datasheet HTML 1Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 2Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 3Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 4Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 5Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 6Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 7Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 8Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
SN74AUP1G126
www.ti.com
SCES596G – JULY 2004 – REVISED AUGUST 2017
Product Folder Links: SN74AUP1G126
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
See
(1)
MIN
MAX
UNIT
IOL
Low-level output current
VCC = 0.8 V
20
µA
VCC = 1.1 V
1.1
mA
VCC = 1.4 V
1.7
VCC = 1.65 V
1.9
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74AUP1G126
UNIT
DRL
(SOT-5X3)
DBV
(SOT-23)
DCK
(SC70)
DRY
(SON)
DSF
(SON)
DPW
(X2SON)
YFP
(DSBGA)
YZP
(DSBGA)
5 PINS
5 PINS
5 PINS
6 PINS
6 PINS
5 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal
resistance
295.1
230.5
303.6
342.1
377.1
504.3
125.4
146.2
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
131.0
172.7
203.8
233.1
187.7
234.9
1.9
1.4
°C/W
RθJB
Junction-to-board thermal
resistance
143.9
62.2
100.9
206.7
236.6
370.3
37.2
39.3
°C/W
ψJT
Junction-to-top
characterization parameter
14.7
49.3
76.1
63.4
29.0
44.5
0.5
0.7
°C/W
ψJB
Junction-to-board
characterization parameter
144.4
61.6
99.3
206.7
236.3
369.7
37.5
39.8
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
N/A
N/A
N/A
N/A
N/A
165.2
N/A
N/A
°C/W
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOH
IOH = –20 µA
TA = 25°C
0.8 V to 3.6 V
VCC – 0.1
V
TA = –40°C to +85°C
VCC – 0.1
IOH = –1.1 mA
TA = 25°C
1.1 V
0.75 × VCC
TA = –40°C to +85°C
0.7 × VCC
IOH = –1.7 mA
TA = 25°C
1.4 V
1.11
TA = –40°C to +85°C
1.03
IOH = –1.9 mA
TA = 25°C
1.65 V
1.32
TA = –40°C to +85°C
1.3
IOH = –2.3 mA
TA = 25°C
2.3 V
2.05
TA = –40°C to +85°C
1.97
IOH = –3.1 mA
TA = 25°C
1.9
TA = –40°C to +85°C
1.85
IOH = –2.7 mA
TA = 25°C
3 V
2.72
TA = –40°C to +85°C
2.67
IOH = –4 mA
TA = 25°C
2.6
TA = –40°C to +85°C
2.55


Similar Part No. - SN74AUP1G126_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - SN74AUP1G126_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com