Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM73605 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM73605
Description  LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73605 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM73605_17 Datasheet HTML 4Page - Texas Instruments LM73605_17 Datasheet HTML 5Page - Texas Instruments LM73605_17 Datasheet HTML 6Page - Texas Instruments LM73605_17 Datasheet HTML 7Page - Texas Instruments LM73605_17 Datasheet HTML 8Page - Texas Instruments LM73605_17 Datasheet HTML 9Page - Texas Instruments LM73605_17 Datasheet HTML 10Page - Texas Instruments LM73605_17 Datasheet HTML 11Page - Texas Instruments LM73605_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
LM73605, LM73606
SNVSAH5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LM73605 LM73606
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Timing Characteristics (continued)
MIN
NOM
MAX
UNIT
SOFT START (SS/TRK PIN)
tSS
Internal soft-start time
CSS = OPEN, from EN rising
edge to PGOOD rising edge
3.5
6.3
ms
POWER GOOD (PGOOD PIN) and OVERVOLTAGE PROTECTION
tPGOOD_RISE
PGOOD rising edge deglitch
delay
80
140
200
µs
tPGOOD_FALL
PGOOD falling edge deglitch
delay
80
140
200
µs
6.7 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM LIMITS (SW PINS)
tON-MIN
Minimum switch on-time
60
82
ns
tOFF-MIN
Minimum switch off-time
70
120
ns
tON-MAX
Maximum switch on-time
HS timeout in dropout
3
6
9
µs
OSCILLATOR (RT and SYNC PINS)
fOSC
Internal oscillator frequency
RT = Open
440
500
560
kHz
fADJ
Minimum adjustable frequency by
RT or SYNC
RT =115 kΩ, 0.1%
315
350
385
kHz
Maximum adjustable frequency by
RT or SYNC
RT = 17.4 kΩ, 0.1%
1980
2200
2420
kHz
VSYNC_HIGH
Sync input high level threshold
2
V
VSYNC_LOW
Sync input low level threshold
0.4
V
VMODE_HIGH
Mode input high level threshold for
FPWM
0.42
V
VMODE_LOW
Mode input low level threshold for
AUTO mode
0.4
V
tSYNC_MIN
Sync input minimum ON and OFF-
time
80
ns
6.8 System Characteristics
The following specifications apply to the circuit found in typical schematic with appropriate modifications from typical bill of
materials. These parameters are not tested in production and represent typical performance only. Unless otherwise stated the
following conditions apply: TA = 25°C, VIN = 12 V, VOUT = 3.3 V, fSW = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB_PFM
Output voltage offset at no load
in auto mode
VIN = 3.8 V to 36 V, VSYNC = 0 V, auto mode
IOUT = 0 A
2%
VDROP
Minimum input to output
voltage differential to maintain
specified accuracy
VOUT = 5 V, IOUT = 3 A, fSW = 2.2 MHz
0.4
V
IQ_SW
Operating quiescent current
(switching)
VEN = 3.3 V, IOUT = 0 A, RT = open, VBIAS =
VOUT = 3.3 V , RFBT = 1 Meg
15
µA
IPEAK_MIN
Minimum inductor peak current
LM73605:
VSYNC = 0, IOUT = 10 mA
1
A
LM73606:
VSYNC = 0 V, IOUT = 10 mA
1.3
IBIAS_SW
Operating quiescent current
from external VBIAS (switching)
fSW = 500 kHz, IOUT = 1 A
7
mA
fSW = 2.2 MHz, IOUT = 1 A
25
DMAX
Maximum switch duty cycle
While in frequency foldback
97.5%
tDEAD
Dead time between high-side
and low-side MOSFETs
4
ns


Similar Part No. - LM73605_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605QRNPRQ1 TI1-LM73605QRNPRQ1 Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
LM73605QRNPRQ1 TI1-LM73605QRNPRQ1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM73605_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com