Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM73605RNPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM73605RNPR
Description  LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73605RNPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM73605RNPR Datasheet HTML 7Page - Texas Instruments LM73605RNPR Datasheet HTML 8Page - Texas Instruments LM73605RNPR Datasheet HTML 9Page - Texas Instruments LM73605RNPR Datasheet HTML 10Page - Texas Instruments LM73605RNPR Datasheet HTML 11Page - Texas Instruments LM73605RNPR Datasheet HTML 12Page - Texas Instruments LM73605RNPR Datasheet HTML 13Page - Texas Instruments LM73605RNPR Datasheet HTML 14Page - Texas Instruments LM73605RNPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
REF
PVIN
BIAS
PGOOD
ENABLE
CONTROL LOGIC
AGND
PGND
Oscillator
LDO
SYNC/
MODE
VCC
SW
FB
HS I Sense
EA
RT
UVLO
Hiccup
Detector
Internal
SS
OV/UV
Detector
+
PFM
Detector
Slope Comp
+
±
Precision
Enable
LS I Sense
PGood
FB
RC
CC
ISSC
ICMD
ILIMIT
+
±
VCC
CLK
FPWM
TSD
VBOOT
VBOOT
UVLO
SS/TRK
Copyright © 2017, Texas Instruments Incorporated
CBOOT
VSW
VSW
11
LM73605, LM73606
www.ti.com
SNVSAH5 – SEPTEMBER 2017
Product Folder Links: LM73605 LM73606
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM73605/6 is an easy-to-use synchronous step-down DC-DC converter that operates from a 3.5-V to 36-V
supply voltage. It is capable of delivering up to 5-A (LM73605) or 6-A (LM73606) DC load current with
exceptional efficiency and thermal performance in a very small solution size.
The LM73605/6 employs fixed-frequency peak current-mode control with configurable auto or FPWM operation
mode. Auto mode provides very high efficiency at light loads, and FPWM mode maintains constant switching
frequency over entire load range.
The device is internally compensated, which reduces design time and the number of external components. The
switching frequency is programmable from 350 kHz to 2.2 MHz by an external resistor. The LM73605/6 can also
synchronize to an external clock within the same frequency range. The wide switching frequency range allows
the device to be optimized for a wide range of system requirements. It can be optimized for small solution size
with higher frequency; or for high efficiency with lower switching frequency. The LM73605/6 has very low
quiescent current, which is critical for battery operated systems. It allows for a wide range of voltage conversion
ratios due to very small minimum ON-time (tON_MIN) and minimum OFF-time (tOFF_MIN). Automated frequency
foldback is employed at very high or low duty cycles to further extend the operating range.
The LM73605/6 also features a power-good (PGOOD) flag, precision enable, internal or adjustable soft start,
pre-biased start-up, and output voltage tracking. Protection features include thermal shutdown, undervoltage
lockout (UVLO), cycle-by-cycle current limiting, and short-circuit hiccup protection. It provides flexible and easy-
to-use solutions for a wide range of applications.
The family requires very few external components and has a pin out designed for simple, optimum PCB layout
for enhanced EMI and thermal performance. The LM73605/6 device is available in a 30-pin WQFN leadless
package.
7.2 Functional Block Diagram


Similar Part No. - LM73605RNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605RNPR TI1-LM73605RNPR Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM73605RNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com