Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3491 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3491
Description  900-MHz, High-Power Output, Current Feedback Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3491 Datasheet(HTML) 3 Page - Texas Instruments

  THS3491 Datasheet HTML 1Page - Texas Instruments THS3491 Datasheet HTML 2Page - Texas Instruments THS3491 Datasheet HTML 3Page - Texas Instruments THS3491 Datasheet HTML 4Page - Texas Instruments THS3491 Datasheet HTML 5Page - Texas Instruments THS3491 Datasheet HTML 6Page - Texas Instruments THS3491 Datasheet HTML 7Page - Texas Instruments THS3491 Datasheet HTML 8Page - Texas Instruments THS3491 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
16
PD
DNC
+VS
GND
Tj_Sense
±VS
VOUT
VOUT
NC
FB
NC
VIN±
VIN+
15
14
13
1
2
3
4
5
6
7
8
12
11
10
9
±VS
NC
+VS
+
±
REF
VIN±
1
2
3
4
VIN+
±VS
PD
8
7
6
5
+VS
VOUT
NC
3
THS3491
www.ti.com
SBOS875 – AUGUST 2017
Product Folder Links: THS3491
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Slew rate from FPBW of 135 MHz, 4 VPP.
(2)
Slew rate from FPBW of 32 MHz, 20 VPP.
(3)
Slew rate from FPBW of 880 MHz, 2 VPP.
5
Device Comparison Table
DEVICE
SUPPLY, VS
(V)
SSBW,
AV = 5
(MHz)
MAXIMUM ICC
AT 25°C
(mA)
INPUT NOISE,
Vn
(nV/
√Hz)
THD,
2 VPP AT 10 kHz
(dBc)
SLEW RATE
(V/µs)
LINEAR
OUTPUT
CURRENT
(mA)
THS3491
±15
900
17.3
1.7
–56
8000
±380
THS3095
±15
190
9.5
1.6
–37
1200(1)
±250
THS3001
±15
350
9
1.6
–25
1400(2)
±120
THS3201
±7.5
565
21
1.65
N/A
3900(3)
±80
6 Pin Configuration and Functions
DDA Package
8-Pin SO PowerPAD™
Top View
RGT Package
16-Pin VQFN With Thermal Pad
Top View
(1)
Both packages include a backside thermal pad. The thermal pad can be connected to a heat spreading plane that can be at any voltage
because the device die is electrically isolated from this metal plate. The thermal pad can also be unused (not connected to any heat
spreading plane or voltage) giving higher thermal impedance.
Pin Functions
PIN(1)
I/O
DESCRIPTION
NAME
VQFN-16
SO-8
PowerPAD
DNC
15
Do not connect (there may be a function on this pin internally)
GND
5
GND
Ground, PD logic reference on the VQFN-16 (RGT) package
FB
1
O
Input side feedback pin
NC
2, 9, 12
5
No connect (there is no internal connection)
PD
16
8
I
Amplifier power down: low = amplifier disabled, high (default) = amplifier enabled
REF
1
I
PD logic reference on the SOIC-8 (DDA) package
Tj_Sense
6
O
Voltage proportional to die temperature
VIN–
3
2
I
Inverting input
VIN+
4
3
I
Noninverting input
VOUT
10, 11
6
O
Output of amplifier
–VS
7, 8
4
Power
Negative power supply
+VS
13, 14
7
Power
Positive power supply


Similar Part No. - THS3491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3491 TI-THS3491 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3491 TI-THS3491 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS3491 TI-THS3491 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3491IDDAR TI-THS3491IDDAR Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS3491IDDAT TI-THS3491IDDAT Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
More results

Similar Description - THS3491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com