Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4561 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4561
Description  Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4561 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4561 Datasheet HTML 5Page - Texas Instruments THS4561 Datasheet HTML 6Page - Texas Instruments THS4561 Datasheet HTML 7Page - Texas Instruments THS4561 Datasheet HTML 8Page - Texas Instruments THS4561 Datasheet HTML 9Page - Texas Instruments THS4561 Datasheet HTML 10Page - Texas Instruments THS4561 Datasheet HTML 11Page - Texas Instruments THS4561 Datasheet HTML 12Page - Texas Instruments THS4561 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9
THS4561
www.ti.com
SBOS874 – AUGUST 2017
Product Folder Links: THS4561
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6 Electrical Characteristics: VS+ – VS– = 5 V
at TA = 25℃, VS+ = 5.0 V, VS– = 0 V, VOCM = Open, VO = 2 VPP, RF and RG = 1.5 kΩ, RL = 1 kΩ, 50–Ω Input Match, Differential,
G = 1 V/V, single-ended input, differential output, and input and output referenced to default midsupply for ac-coupled tests
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
AC PERFORMANCE
SSBW
Small-signal bandwidth
Vo = 100 mVPP, 1-dB peaking
65
MHz
C
Vo = 100 mVPP, G = 2 V/V
35
MHz
C
Vo = 100 mVPP, G = 5 V/V
12
MHz
C
Vo = 100 mVPP, G = 10 V/V
6
MHz
C
GBP
Gain-bandwidth product
Vo = 100 mVPP, G = 10 V/V
60
MHz
C
LSBW
Large-signal bandwidth
25
MHz
C
Rise and fall time
5
MHz
C
SR
Slew rate
Derived from Vo = 2 VPP large signal bandwidth
110
V/µs
C
Over- and undershoot
Vo = 1-V step, input tr = 10 ns
7%
C
Rise and fall time
Vo = 1-V step, input tr = 10 ns
11
ns
C
Settling time
to 0.1% of final value, Vo = 1-V step,
input tr = 10 ns
30
ns
C
to 0.01% of final value, Vo = 1-V step,
input tr = 10 ns
80
ns
C
HD2
Second-order harmonic
distortion
f = 100 kHz
–110
dBc
C
f = 100 kHz, Vo = 8 VPP
–100
dBc
C
HD3
Third-order harmonic distortion
f = 100 kHz
–115
dBc
C
f = 100 kHz, Vo = 8 VPP
–95
dBc
C
en
Input differential voltage noise
f = 100 kHz
5
nV/
√Hz
C
ei
Input current noise, each input
f = 100 kHz
0.4
pA/
√Hz
C
Overdrive recovery time
G = 2 V/V, 2x output overdrive, dc-coupled
300
ns
C
zO
Closed-loop output impedance
f = 100 kHz (differential)
0.07
Ω
C
DC PERFORMANCE
AOL
Open-loop voltage gain
104
115
dB
A
Internal feedback trace
resistance
RGT only (between pins 1,11 and 4,10)
8.3
8.5
8.7
Ω
A
Internal feedback trace
resistance mismatch
RGT only (between pins 1,11 and 4,10)
–1.0
1.0
Ω
A
Input-referred offset voltage
TA = 25°C
–200
±50
200
µV
A
Input offset voltage drift
TA = –40°C to 125°C
–2
±0.3
2
µV/°C
B
Input bias current (positive
current out of node)
TA = 25°C
0.25
0.4
0.6
µA
A
Input bias current drift
TA = –40°C to 125°C
-5
8
nA/°C
B
Input offset current
TA = 25°C
–20
±2
20
nA
A
Input offset current drift
TA = –40°C to 125°C
–120
±50
120
pA/°C
B
INPUT
Common-mode input low
TA = 25°C
VS– – 0.2
VS–
V
A
TA = –40°C to 125°C
VS– – 0.1
VS–
V
B
Common-mode input high
TA = 25°C
VS+ – 1.2
VS+ – 1.1
V
A
TA = –40°C to 125°C
VS+ – 1.35
VS+ – 1.2
V
B
CMRR
Common-mode rejection ratio
Inputs at (VS+ – VS–) / 2
95
110
dBc
A
Input impedance differential
mode
Inputs at (VS+ – VS–) / 2
150||2.4
kΩ || pF
C
OUTPUT
VOCRL
Output voltage range low
TA = 25°C
VS– + 0.2
VS– + 0.25
V
A
TA = –40°C to 125°C
VS– + 0.2
VS– + 0.35
V
C
VOCRH
Output voltage range high
TA = 25°C
VS+ – 0.25
VS+ – 0.2
V
A
TA = –40°C to 125°C
VS+ – 0.35
VS+ – 0.2
V
C


Similar Part No. - THS4561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4561 TI1-THS4561 Datasheet
719Kb / 35P
[Old version datasheet]   Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI1-THS4561 Datasheet
792Kb / 37P
[Old version datasheet]   Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI-THS4561 Datasheet
3Mb / 53P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4561 TI-THS4561 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4561IDGKR TI1-THS4561IDGKR Datasheet
719Kb / 35P
[Old version datasheet]   Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
More results

Similar Description - THS4561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4561 TI1-THS4561_18 Datasheet
792Kb / 37P
[Old version datasheet]   Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI1-THS4561_17 Datasheet
719Kb / 35P
[Old version datasheet]   Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI-THS4561_V01 Datasheet
3Mb / 53P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4561 TI-THS4561_V02 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
Elantec Semiconductor
EL2001C ELANTEC-EL2001C Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Analog Devices
AD817 AD-AD817_15 Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com