Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR33630 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMR33630
Description  LMR33630 SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR33630 Datasheet(HTML) 1 Page - Texas Instruments

  LMR33630 Datasheet HTML 1Page - Texas Instruments LMR33630 Datasheet HTML 2Page - Texas Instruments LMR33630 Datasheet HTML 3Page - Texas Instruments LMR33630 Datasheet HTML 4Page - Texas Instruments LMR33630 Datasheet HTML 5Page - Texas Instruments LMR33630 Datasheet HTML 6Page - Texas Instruments LMR33630 Datasheet HTML 7Page - Texas Instruments LMR33630 Datasheet HTML 8Page - Texas Instruments LMR33630 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
Output Current (A)
8V
12V
24V
36V
C009
VIN
VIN
EN
BOOT
SW
FB
AGND
VOUT
CBOOT
L1
CIN
COUT
RFBT
RFBB
VCC
PG
PGND
CVCC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LMR33630
SNVSAN3 – AUGUST 2017
LMR33630 SIMPLE SWITCHER® 3.8-V to 36-V, 3-A Synchronous
Step-Down Voltage Converter
1
1 Features
1
Input Voltage Range: 3.8 V to 36 V
Output DC Current Range: 0 A to 3 A
Output Voltage Range: 1 V to 24 V
Integrated Synchronous Rectification
Low Shutdown Quiescent Current of 6 µA
Low Operating Quiescent Current of 25 µA
Short Minimum On-time of 70 ns
High Efficiency at Light Loads
Peak Current Mode Controls
Switching Frequency = 400 kHz
Power-Good Flag for Sequencing, Fault
Reporting, and Output Voltage Monitoring
Precision Enable to Program System UVLO
Cycle-by-Cycle Current Limiting
Operating Junction Temperature –40°C to +125°C
2 Applications
Industrial Power Supplies
Factory and Building Automation Systems
General-Purpose Wide Input Voltage Regulation
3 Description
The LMR33630 SIMPLE SWITCHER® regulator is an
easy-to-use,
synchronous,
step-down
DC-DC
converter capable of driving up to 3 A of load current
from an input of up to 36 V. The LMR33630 provides
exceptional efficiency and output accuracy in a very
small solution size. Peak-current-mode control is
employed. Additional features such as a power-good
flag and precision enable provide both flexible and
easy-to-use solutions for a wide range of applications.
The LMR33630 automatically folds back frequency at
light load to improve efficiency. The family requires
few external components and has a pinout designed
for simple PCB layout. Protection features include
thermal shutdown, input undervoltage lockout, cycle-
by-cycle
current
limit,
and
hiccup
short-circuit
protection. The LMR33630 device is available in an
8-pin HSOIC package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMR33630
HSOIC (8)
6.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Simplified Schematic
Efficiency vs Output Current
VOUT = 5 V, 400 kHz, HSOIC


Similar Part No. - LMR33630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR33630 TI1-LMR33630 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
2Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results

Similar Description - LMR33630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR33630 TI1-LMR33630_18 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630_018 TI1-LMR33630_018 Datasheet
2Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com