Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD1512DR Datasheet(PDF) 6 Page - Texas Instruments

Part # THVD1512DR
Description  5-V RS-485 Transceivers With 18-kV IEC ESD Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD1512DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THVD1512DR Datasheet HTML 2Page - Texas Instruments THVD1512DR Datasheet HTML 3Page - Texas Instruments THVD1512DR Datasheet HTML 4Page - Texas Instruments THVD1512DR Datasheet HTML 5Page - Texas Instruments THVD1512DR Datasheet HTML 6Page - Texas Instruments THVD1512DR Datasheet HTML 7Page - Texas Instruments THVD1512DR Datasheet HTML 8Page - Texas Instruments THVD1512DR Datasheet HTML 9Page - Texas Instruments THVD1512DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
THVD1510, THVD1512
THVD1550, THVD1551, THVD1552
SLLSEV1 – SEPTEMBER 2017
www.ti.com
Product Folder Links: THVD1510 THVD1512 THVD1550 THVD1551 THVD1552
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VCC
–0.5
7
V
Bus voltage
Range at any bus pin (A, B, Y, or Z) as
differential or common-mode with respect to
GND
–18
18
V
Input voltage
Range at any logic pin (D, DE, or /RE)
–0.3
5.7
V
Receiver output current
IO
–24
24
mA
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Contact discharge, per IEC 61000-4-2
Bus terminals and GND
±18,000
V
Air-gap discharge, per IEC 61000-4-2
Bus terminals and GND
±25,000
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
Bus terminals and GND
±30,000
All pins except Bus
terminals and GND
±8,000
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1,500
Machine model (MM), per JEDEC JESD22-A115-A
±400
V(EFT)
Electrical fast transient
Per IEC 61000-4-4
Bus terminals
±4,000
V


Similar Part No. - THVD1512DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500D TI1-THVD1500D Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500DR TI1-THVD1500DR Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1505DR TI1-THVD1505DR Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
More results

Similar Description - THVD1512DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1400 TI-THVD1400_V01 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1400 TI-THVD1400_V02 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹12-kV IEC ESD Protection
OCTOBER 2021
THVD1400 TI-THVD1400 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406_V01 Datasheet
1Mb / 29P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com