Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD1552DGS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THVD1552DGS
Description  5-V RS-485 Transceivers With 18-kV IEC ESD Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD1552DGS Datasheet(HTML) 3 Page - Texas Instruments

  THVD1552DGS Datasheet HTML 1Page - Texas Instruments THVD1552DGS Datasheet HTML 2Page - Texas Instruments THVD1552DGS Datasheet HTML 3Page - Texas Instruments THVD1552DGS Datasheet HTML 4Page - Texas Instruments THVD1552DGS Datasheet HTML 5Page - Texas Instruments THVD1552DGS Datasheet HTML 6Page - Texas Instruments THVD1552DGS Datasheet HTML 7Page - Texas Instruments THVD1552DGS Datasheet HTML 8Page - Texas Instruments THVD1552DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Not to scale
1
R
8
VCC
2
/RE
7
B
3
DE
6
A
4
D
5
GND
Not to scale
1
R
8
VCC
2
/RE
7
B
3
DE
6
A
4
D
5
GND
3
THVD1510, THVD1512
THVD1550, THVD1551, THVD1552
www.ti.com
SLLSEV1 – SEPTEMBER 2017
Product Folder Links: THVD1510 THVD1512 THVD1550 THVD1551 THVD1552
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
DUPLEX
ENABLES
SIGNALING RATE
NODES
THVD1512
Full
DE, RE
up to 500 kbps
256
THVD1510
Half
DE, RE
THVD1552
Full
DE, RE
up to 50 Mbps
196
THVD1551
Full
None
THVD1550
Half
DE, RE
6 Pin Configuration and Functions
THVD1510, THVD1550 Devices
8-Pin D Package (SOIC)
Top View
THVD1510, THVD1550 Devices
8-Pin DGK Package (VSSOP)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
D
DGK
A
6
6
Bus input/output
Bus I/O port, A (complementary to B)
B
7
7
Bus input/output
Bus I/O port, B (complementary to A)
D
4
4
Digital input
Driver data input
DE
3
3
Digital input
Driver enable, active high (2 MΩ internal pull-down)
GND
5
5
Ground
Device ground
R
1
1
Digital output
Receive data output
VCC
8
8
Power
5-V supply
RE
2
2
Digital input
Receiver enable, active low (2 MΩ internal pull-up)


Similar Part No. - THVD1552DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500D TI1-THVD1500D Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500DR TI1-THVD1500DR Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1505DR TI1-THVD1505DR Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
More results

Similar Description - THVD1552DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1400 TI-THVD1400_V01 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1400 TI-THVD1400_V02 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹12-kV IEC ESD Protection
OCTOBER 2021
THVD1400 TI-THVD1400 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406_V01 Datasheet
1Mb / 29P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com