Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSKS5400S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSKS5400S
Description  Infrared Emitting Diode, 950 nm, GaAs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSKS5400S Datasheet(HTML) 1 Page - Vishay Siliconix

  TSKS5400S_13 Datasheet HTML 1Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 2Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 3Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 4Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 5Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSKS5400S
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 03-Sep-13
1
Document Number: 81074
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Infrared Emitting Diode, 950 nm, GaAs
DESCRIPTION
The TSKS5400S is an infrared, 950 nm emitting diode in
GaAs technology with high radiant power, molded in a clear
plastic package.
FEATURES
• Package type: leaded
• Package form: side view lens
• Dimensions (L x W x H in mm): 5 x 2.65 x 5
• Peak wavelength:
λp = 950 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity:
ϕ = ± 30°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Package matched with detector TEKS5400
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Photointerrupters
• Transmissive sensors, gap sensors
• Reflective sensors
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
14354
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λp (nm)
tr (ns)
TSKS5400S
4.5
± 30
950
800
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TSKS5400S
Bulk
MOQ: 2000 pcs, 2000 pcs/bulk
Side view lens
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
Forward current
IF
100
mA
Surge forward current
tp
≤ 100 μs
IFSM
2A
Power dissipation
PV
170
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm, soldered on PCB
RthJA
270
K/W


Similar Part No. - TSKS5400S_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSKS5400S-ASZ VISHAY-TSKS5400S-ASZ Datasheet
107Kb / 6P
   GaAs Infrared Emitting Diode in Side View Package
Rev. 1, 30-Apr-02
TSKS5400S VISHAY-TSKS5400S_08 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
TSKS5400S VISHAY-TSKS5400S_V01 Datasheet
110Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
More results

Similar Description - TSKS5400S_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 08-Mar-11
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.5, 25-Aug-11
TSUS5400 VISHAY-TSUS5400_11 Datasheet
111Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 24-Aug-11
TSSS2600 VISHAY-TSSS2600_11 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 24-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com