Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA837
Description  OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA837 Datasheet(HTML) 3 Page - Texas Instruments

  OPA837 Datasheet HTML 1Page - Texas Instruments OPA837 Datasheet HTML 2Page - Texas Instruments OPA837 Datasheet HTML 3Page - Texas Instruments OPA837 Datasheet HTML 4Page - Texas Instruments OPA837 Datasheet HTML 5Page - Texas Instruments OPA837 Datasheet HTML 6Page - Texas Instruments OPA837 Datasheet HTML 7Page - Texas Instruments OPA837 Datasheet HTML 8Page - Texas Instruments OPA837 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
6
5
4
V
S+
PD
V
IN-
V
OUT
V
S-
+IN
3
OPA837
www.ti.com
SBOS673 – SEPTEMBER 2017
Product Folder Links: OPA837
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
Pin Functions
PIN
FUNCTION
DESCRIPTION
NAME
SOT-23
SC-70
PD
5
I/O
Amplifier power down.
Low = disabled, high = normal operation (pin must be driven).
VIN–
4
4
I/O
Inverting input pin
VIN+
3
3
I/O
Noninverting input pin
VOUT
1
1
I/O
Output pin
VS–
2
2
Power
Negative power-supply pin
VS+
6
5
Power
Positive power-supply input


Similar Part No. - OPA837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837 TI1-OPA837 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
567Kb / 21P
[Old version datasheet]   50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
OPA837 TI-OPA837 Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
OPA837 TI-OPA837 Datasheet
1Mb / 39P
[Old version datasheet]   OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED AUGUST 2023
More results

Similar Description - OPA837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI-OPA837_V01 Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
   200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com