Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB4570 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GB4570
Description  Monolithic Video Buffer/Clamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4570 Datasheet(HTML) 3 Page - Gennum Corporation

  GB4570 Datasheet HTML 1Page - Gennum Corporation GB4570 Datasheet HTML 2Page - Gennum Corporation GB4570 Datasheet HTML 3Page - Gennum Corporation GB4570 Datasheet HTML 4Page - Gennum Corporation GB4570 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
521 - 18 - 01
With this automatic adjustment system, the need for an external
sync separator circuit to enable the clamping action is
eliminated.
The input to the GB4570 must be AC coupled using an
appropriately sized capacitor. This capacitor acts as a DC
reservoir for corrective level shifts.
Under equilibrium
conditions, the average current supplied by the comparator
output is just sufficient to balance the current discharging the
input coupling capacitor. Under dynamic conditions, where
the system is correcting for a change in the signal level, the
charging current may be in the milliamp range. Since the
corrective current is small under equilibrium conditions, the
error voltage at the comparator input is also small making
clamping to within
± 2 mV achievable.
The circuit makes use of a ‘peak hold’ capacitor, C
HOLD
, at the
output of the comparator. This gives rise to a more constant
voltage at the comparator output. This constant voltage is
translated to a more constant corrective current by an internal
50 k
Ω resistor between the comparator output and the signal
input.
To avoid excessive phase shifts and consequent instability of
the clamp feedback loop, the peak hold capacitor should be
considerably smaller (eg. 1000 times smaller) than the input
coupling capacitor. If faster clamping is desirable, the peak
hold capacitor can be removed and a smaller input coupling
capacitor employed. In this application, some distortion of the
signal tip will occur.
DETAILED DESCRIPTION
The GB4570 is intended for video applications requiring DC
restoration. The GB4570 signal path consists of a wideband
Darlington emitter follower for maximum bandwidth
performance. With this configuration, the GB4570’s small
signal frequency response remains within
±0.1 dB of 0 dB out
to 80 MHz.
Optimal frequency response for the GB4570 occurs with load
capacitance in the range of 15 pF. For smaller loads, an
external capacitor can be added to maximize the bandwidth
of the device. As shown in Figure 1, a small resistor, R
OUT
,
should be included in series with the GB4570 output to obtain
optimal response flatness. For a nominal load of 15 pF, R
OUT
should be chosen to be approximately 40
Ω.
The DC restoration function is achieved through the use of a
simple comparator. The non-inverting input of the comparator
is connected to the clamp reference voltage, while the inverting
input is connected to the GB4570 output. For output signals
more positive than the clamp reference voltage, the comparator
output is essentially open-circuit, while signal voltages more
negative than the clamp reference voltage result in the charging
of C
HOLD
, an external non-polar capacitor connected to pin 4.
The action of the comparator is to provide a positive current
which is fed back to the input under conditions where the
device output is more negative than the clamp reference
voltage. This negative feedback raises the DC level of the
input signal to the point where all signal fluctuations occur at
voltages above the clamp reference voltage.
All resistors are in ohms, all capacitors in microfarads unless otherwise stated
Fig. 1 Typical Application Circuit
75
VIDEO
1.1nF
VCC
VEE
8
6
4
1
2
7
3
CLOAD
CHOLD
VCLAMP
VIN
ROUT
CLAMPED
VIDEO
OUTPUT
22
0.1
0.1
GB4570
SYNC TIP
CLAMP


Similar Part No. - GB4570

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CDA GENNUM-GB4571-CDA Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKA GENNUM-GB4571-CKA Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GB4571-CTA GENNUM-GB4571-CTA Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
More results

Similar Description - GB4570

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4600 GENNUM-GB4600 Datasheet
137Kb / 4P
   Monolithic Unity Gain Video Buffer
logo
Mitsumi Electronics, Co...
MM1053 MITSUMI-MM1053 Datasheet
114Kb / 6P
   4-Input Video Switch (no clamp) Monolithic IC
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Maxim Integrated Produc...
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090_05 Datasheet
729Kb / 15P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
MAX4090 MAXIM-MAX4090_09 Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com