Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA900 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PGA900
Description  PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA900 Datasheet(HTML) 5 Page - Texas Instruments

  PGA900 Datasheet HTML 1Page - Texas Instruments PGA900 Datasheet HTML 2Page - Texas Instruments PGA900 Datasheet HTML 3Page - Texas Instruments PGA900 Datasheet HTML 4Page - Texas Instruments PGA900 Datasheet HTML 5Page - Texas Instruments PGA900 Datasheet HTML 6Page - Texas Instruments PGA900 Datasheet HTML 7Page - Texas Instruments PGA900 Datasheet HTML 8Page - Texas Instruments PGA900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 137 page
background image
PGA900
www.ti.com
SLDS209A – JANUARY 2015 – REVISED MAY 2015
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VDD
–28
33
GATE
–0.3
33
At VP_OTP
–0.3
8
Voltage
V
At sensor input and drive pins
–0.3
2
At any I/O pin
–0.3
3.6
At FBP pin
–2
VDD + 0.3
IDD
Short on VOUT supply current
25
mA
TJmax
Maximum junction temperature
155
°C
Tlead
Lead temperature (soldering, 10 s)
260
°C
Tstg
Storage temperature
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions are not implied. Exposure to Absolute-Maximum-Rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM) – EIA/JESD22-A114
±2000
Electrostatic
V(ESD)
V
discharge
Field induced charge device model (CDM) – JESD22-C101
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range at VDD = 5 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Power supply voltage
3.3
30
V
Slew rate
VDD = 0 to 30 V
0.5
V/µs
No load on VBRG, no load on DAC, ƒ
IDD
Power supply current – normal operation
2.6
mA
= 1 MHz
While EEPROM is being
Power supply current – EEPROM
IDD
programmed, no load on VBRG, no
9(1)
mA
programming
load on DAC
VP_OTP
OTP programming voltage
7.0
7.4
7.8
V
OTP programming voltage slew rate
1
V/µs
I_VP_OTP
OTP programming current
During OTP programming
5
mA
tprog_OTP
OTP programming timing per byte
120
200
µs
TA
Operating ambient temperature
–40
150
°C
Programming temperature
OTP or EEPROM
–40
140
°C
Start-up time (including analog and
VDD ramp rate 0.5 V/µs
1
ms
digital)
Capacitor on VDD pin
10
nF
(1)
Programming EEPROM results in additional 6 mA of current on VDD pin.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PGA900


Similar Part No. - PGA900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA900 TI-PGA900 Datasheet
1Mb / 138P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900 TI1-PGA900 Datasheet
2Mb / 141P
[Old version datasheet]   Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
PGA900ARHHR TI-PGA900ARHHR Datasheet
1Mb / 138P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900ARHHR TI1-PGA900ARHHR Datasheet
2Mb / 141P
[Old version datasheet]   Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
PGA900ARHHT TI-PGA900ARHHT Datasheet
1Mb / 138P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
More results

Similar Description - PGA900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA900 TI-PGA900_15 Datasheet
1Mb / 138P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900 TI1-PGA900_18 Datasheet
2Mb / 141P
[Old version datasheet]   Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
   Digital and analog outputs
413101 ETC2-413101 Datasheet
601Kb / 12P
   Visible Light Detector with Analog and Digital Outputs
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
   PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
logo
Renesas Technology Corp
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with SENT Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com