Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7111533DDSER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7111533DDSER
Description  Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7111533DDSER Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV7111533DDSER Datasheet HTML 4Page - Texas Instruments TLV7111533DDSER Datasheet HTML 5Page - Texas Instruments TLV7111533DDSER Datasheet HTML 6Page - Texas Instruments TLV7111533DDSER Datasheet HTML 7Page - Texas Instruments TLV7111533DDSER Datasheet HTML 8Page - Texas Instruments TLV7111533DDSER Datasheet HTML 9Page - Texas Instruments TLV7111533DDSER Datasheet HTML 10Page - Texas Instruments TLV7111533DDSER Datasheet HTML 11Page - Texas Instruments TLV7111533DDSER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=3.3V
IN
2.90
2.88
2.86
2.84
2.82
2.80
2.78
2.76
2.74
2.72
2.70
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=3.3V
IN
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=3.8V
IN
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40°C
V
=3.8V
IN
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
1.44
1.42
1.40
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40°C
V
=3.0V
IN
2.60
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40°C
V
=3.0V
IN
TLV710 Series
TLV711 Series
SBVS142A – JULY 2010 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range of TJ = –40°C to +125°C, VEN1 = VEN2 = VIN, CIN = 1mF, COUT1 = 1mF, and COUT2 = 1mF,
unless otherwise noted. Typical values are at TJ = +25°C.
LOAD REGULATION: VOUT1
LOAD REGULATION: VOUT2
(TLV7101828)
(TLV7101828)
Figure 13.
Figure 14.
LOAD REGULATION: VOUT1
LOAD REGULATION: VOUT2
(TLV7103333)
(TLV7103333)
Figure 15.
Figure 16.
LOAD REGULATION: VOUT1
LOAD REGULATION: VOUT2
(TLV7111525)
(TLV7111525)
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - TLV7111533DDSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7111533DDSER TI1-TLV7111533DDSER Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111533DDSER TI1-TLV7111533DDSER Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
More results

Similar Description - TLV7111533DDSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV710 TI-TLV710_10 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_12 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7103318-Q1 TI1-TLV7103318-Q1_17 Datasheet
1Mb / 22P
[Old version datasheet]   Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com