Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5261IY Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5261IY
Description  200MHz Low-Power Current Feedback Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5261IY Datasheet(HTML) 5 Page - Intersil Corporation

  EL5261IY Datasheet HTML 1Page - Intersil Corporation EL5261IY Datasheet HTML 2Page - Intersil Corporation EL5261IY Datasheet HTML 3Page - Intersil Corporation EL5261IY Datasheet HTML 4Page - Intersil Corporation EL5261IY Datasheet HTML 5Page - Intersil Corporation EL5261IY Datasheet HTML 6Page - Intersil Corporation EL5261IY Datasheet HTML 7Page - Intersil Corporation EL5261IY Datasheet HTML 8Page - Intersil Corporation EL5261IY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN7387.8
September 8, 2005
FIGURE 3. FREQUENCY RESPONSE FOR VARIOUS
VCC, VEE
FIGURE 4. FREQUENCY RESPONSE FOR VARIOUS
VCC, VEE
FIGURE 5. FREQUENCY RESPONSE
FIGURE 6. ROL
FIGURE 7. RISE TIME
FIGURE 8. FALL TIME
Typical Performance Curves (Continued)
RL=500Ω
RF=2.7k6Ω
AV=1
100K
1M
10M
100M
1G
5
3
1
-1
-3
-5
FREQUENCY (Hz)
±2.5V
±6V
±5V
±4V
±3V
AV= 2
RL=150Ω
RF=RG=762Ω
100K
1M
10M
100M
1G
4
2
0
-2
-4
-6
FREQUENCY (Hz)
±2.5V
±6V
±5V
±3V
±4V
VCC=+5V
VEE=-5V
AV=10
RL=500Ω
RF=560Ω
100K
1M
10M
100M
1G
4
2
0
-2
-4
-6
FREQUENCY (Hz)
1K
10K
100K
10M
1G
100M
10M
1M
100K
10K
100
FREQUENCY (Hz)
1M
100M
1K
VCC=+5V
VEE=-5V
AV=2
RL=150Ω
RF=RG=422Ω
INPUT
1V/DIV
OUTPUT
500mV/DIV
4ns/DIV
VCC=+5V
VEE=-5V
AV=2
RL=150Ω
RF=RG=422Ω
INPUT
1V/DIV
OUTPUT
500mV/DIV
4ns/DIV
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5261IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5261IY INTERSIL-EL5261IY Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5261IY-T13 INTERSIL-EL5261IY-T13 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5261IY-T7 INTERSIL-EL5261IY-T7 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5261IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com