Electronic Components Datasheet Search |
|
TLV71125125DSET Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TLV71125125DSET Datasheet(HTML) 3 Page - Texas Instruments |
3 / 33 page TLV710 Series TLV711 Series www.ti.com SBVS142A – JULY 2010 – REVISED AUGUST 2010 ELECTRICAL CHARACTERISTICS At TJ = +25°C, VIN = VOUT(TYP) + 0.5V or 2.0V (whichever is greater), IOUT = 10mA, VEN1 = VEN2 = 0.9V, and COUT1 = COUT2 = 1mF, unless otherwise noted. TLV710, TLV711 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIN Input voltage range 2.0 5.5 V VO Output voltage range 1.2 4.8 V VOUT DC output accuracy –40°C ≤ TJ ≤ +125°C –2 +2 % ΔVO/ΔVIN Line regulation VOUT(NOM) + 0.5V ≤ VIN ≤ 5.5V 1 5 mV ΔVO/ΔIOUT Load regulation 0mA ≤ IOUT ≤ 200mA 5 15 mV VIN = 0.98V × VOUT(NOM), IOUT = 200mA, 200 285 mV 2V ≤ VOUT < 2.4V VIN = 0.98V × VOUT(NOM), IOUT = 200mA, 175 250 mV 2.4V ≤ VOUT < 2.8V VDO Dropout voltage VIN = 0.98V × VOUT(NOM), IOUT = 200mA, 150 215 mV 2.8V ≤ VOUT < 3.3V VIN = 0.98V × VOUT(NOM), IOUT = 200mA, 140 200 mV 3.3V ≤ VOUT ≤ 4.8V ICL Output current limit VOUT = 0.9V × VOUT(NOM) 220 350 550 mA VEN1 = high, VEN2 = low, IOUT1 = 0mA 35 mA IQ Quiescent current VEN1 = low, VEN2 = high, IOUT2 = 0mA 35 mA VEN1 = high, VEN2 = high, IOUT = 0mA 70 110 µA IGND Ground pin current IOUT1 = IOUT2 = 200mA 360 µA ISHUTDOWN Shutdown current VEN1,2 ≤ 0.4V, 2.0V ≤ VIN ≤ 4.5V 2.5 4 mA f = 10Hz 80 dB f = 100Hz 75 dB PSRR Power-supply rejection ratio VOUT = 1.8V f = 1kHz 70 dB f = 10kHz 70 dB f = 100kHz 50 dB VN Output noise voltage BW = 100Hz to 100kHz, VOUT = 1.8V 48 mVRMS tSTR Startup time(1) COUT = 1.0mF, IOUT = 200mA 100 ms VHI Enable high (enabled) 0.9 VIN V VLO Enable low (shutdown) 0 0.4 V TLV710, TLV711 0.04 mA IEN Enable pin current, enabled TLV710-D, TLV711-D 6 mA UVLO Undervoltage lockout VIN rising 1.9 V TJ Operating junction temperature –40 +125 °C Shutdown, temperature increasing +165 °C TSD Thermal shutdown temperature Reset, temperature decreasing +145 °C (1) Startup time = time from EN assertion to 0.98 x VOUT(NOM). Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 3 |
Similar Part No. - TLV71125125DSET |
|
Similar Description - TLV71125125DSET |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |