Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569DBV Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV62569DBV
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569DBV Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV62569DBV Datasheet HTML 6Page - Texas Instruments TLV62569DBV Datasheet HTML 7Page - Texas Instruments TLV62569DBV Datasheet HTML 8Page - Texas Instruments TLV62569DBV Datasheet HTML 9Page - Texas Instruments TLV62569DBV Datasheet HTML 10Page - Texas Instruments TLV62569DBV Datasheet HTML 11Page - Texas Instruments TLV62569DBV Datasheet HTML 12Page - Texas Instruments TLV62569DBV Datasheet HTML 13Page - Texas Instruments TLV62569DBV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
2
D004
VIN = 2.5 V
VIN = 3.3 V
VIN = 5.0 V
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
2
D005
VIN = 2.5 V
VIN = 3.3 V
VIN = 5.0 V
SW
IN
OUT
OUT
L
L
MAX
,
OUT
MAX
,
L
f
L
V
V
1
V
I
2
I
I
I
´
-
´
=
D
D
+
=
10
TLV62569, TLV62569P
SLVSDG1C – DECEMBER 2016 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.2.2.4 Inductor Selection
The main parameters for inductor selection is inductor value and then saturation current of the inductor. To
calculate the maximum inductor current under static load conditions, Equation 3 is given:
where:
IOUT,MAX is the maximum output current
ΔIL is the inductor current ripple
fSW is the switching frequency
L is the inductor value
(3)
It is recommended to choose a saturation current for the inductor that is approximately 20% to 30% higher than
IL,MAX. In addition, DC resistance and size should also be taken into account when selecting an appropriate
inductor.
8.2.2.5 Input and Output Capacitor Selection
The architecture of the TLV62569 allows use of tiny ceramic-type output capacitors with low equivalent series
resistance (ESR). These capacitors provide low output voltage ripple and are thus recommended. To keep its
resistance up to high frequencies and to achieve narrow capacitance variation with temperature, it is
recommended to use X7R or X5R dielectric.
The input capacitor is the low impedance energy source for the converter that helps provide stable operation. A
low ESR multilayer ceramic capacitor is recommended for best filtering. For most applications, 4.7-μF input
capacitance is sufficient; a larger value reduces input voltage ripple.
The TLV62569 is designed to operate with an output capacitor of 10 µF to 47 µF, as outlined in Table 4.
8.2.3 Application Performance Curves
VIN = 5 V, VOUT = 1.8 V, L = 2.2 μH, TA = 25 °C, unless otherwise noted.
Figure 6. 1.2-V Output Efficiency
Figure 7. 1.8-V Output Efficiency


Similar Part No. - TLV62569DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569DBV TI1-TLV62569DBV Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DBVR TI1-TLV62569DBVR Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DBVR TI1-TLV62569DBVR Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DBVR TI1-TLV62569DBVR Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DBVT TI1-TLV62569DBVT Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62569DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com