Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0008700102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0008700102
Description  2.50mm Pitch SPOX Wire-to-Wire Male Crimp Terminal, Reel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0008700102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0008700102_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0008700102
Status:
Active
Overview:
SPOX™ BMI Connector System
Description:
2.50mm Pitch SPOX Wire-to-Wire Male Crimp Terminal, Reel
Documents:
3D Model
Packaging Specification SPK-5241-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51191-003 (PDF)
General
Product Family
Crimp Terminals
Series
5241
Application
Signal
Crimp Quality Equipment
Yes
Overview
SPOX™ BMI Connector System
Packaging Alternative
08-70-0103 (Loose)
Product Name
SPOX
UPC
800753640511
Physical
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
65.400/mg
Packaging Type
Reel
Plating min - Mating
0.889µm
Plating min - Termination
0.889µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.15-1.90mm
Wire Size AWG
22, 24, 26, 28
Wire Size mm²
N/A
Material Info
Engineering Number
5241T
Reference - Drawing Numbers
Packaging Specification
SPK-5241-001-001
Product Specification
PS-51191-003
Sales Drawing
SD-5241*
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
5241 Series
Mates With
50802 Female Crimp Terminal
Use With
5240
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0008700102_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008700102 MOLEX1-0008700102 Datasheet
85Kb / 3P
   2.50mm (.098") Pitch SPOX??Wire-to-Wire Male Crimp Terminal, Reel
More results

Similar Description - 0008700102_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008700102 MOLEX1-0008700102 Datasheet
85Kb / 3P
   2.50mm (.098") Pitch SPOX??Wire-to-Wire Male Crimp Terminal, Reel
0008701039 MOLEX1-0008701039_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Board Crimp Terminal, Reel
0008701039 MOLEX1-0008701039 Datasheet
112Kb / 2P
   2.50mm (.098") Pitch SPOX??Wire-to-Board Crimp Terminal, Reel
0456270002 MOLEX1-0456270002_17 Datasheet
27Kb / 1P
   2.50mm Pitch SPOX Male Crimp Terminal, 22 - 24 AWG, Reel
ATS-639107900 MOLEX-ATS-639107900 Datasheet
132Kb / 6P
   T2 Terminator for 2.50mm (.098) Pitch Wire-to-Wire Male Crimp Terminal
04-08-08
0039000160 MOLEX3-0039000160 Datasheet
95Kb / 2P
   2.50mm (.098") Pitch SPOX Wire-to-Board Crimp Terminal, 22-28 AWG
0503988100 MOLEX7-0503988100 Datasheet
102Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire Crimp Terminal, Male, 50398, Bag, for 51112Housing
ATS-639007900 MOLEX-ATS-639007900 Datasheet
195Kb / 5P
   Fine Adjust Applicator for 2.50mm (.098) Pitch Wire-to-Wire Male Crimp Terminal
04-08-08
63900-7900 MOLEX11-63900-7900 Datasheet
50Kb / 1P
   FineAdjust Applicator for 2.50mm Wire-to-Wire Male Crimp Terminal, 22-28 AWG Wire
0639007900 MOLEX-0639007900 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.50mm Wire-to-Wire Male Crimp Terminal, 22-28 AWG Wire
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com