Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62569DBVR
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV62569DBVR Datasheet HTML 4Page - Texas Instruments TLV62569DBVR Datasheet HTML 5Page - Texas Instruments TLV62569DBVR Datasheet HTML 6Page - Texas Instruments TLV62569DBVR Datasheet HTML 7Page - Texas Instruments TLV62569DBVR Datasheet HTML 8Page - Texas Instruments TLV62569DBVR Datasheet HTML 9Page - Texas Instruments TLV62569DBVR Datasheet HTML 10Page - Texas Instruments TLV62569DBVR Datasheet HTML 11Page - Texas Instruments TLV62569DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
R1
200 k
R2
100 k
SW
GND FB
EN
PG
VIN
C3*
C2
10 µF
R3
499 k
C1
4.7 µF
VIN
2.5 V to 5.5 V
VPG
VOUT
1.8 V / 2.0 A
L1
2.2 µH
C3: Optional
TLV62569P
Copyright Ú 2016, Texas Instruments Incorporated
8
TLV62569, TLV62569P
SLVSDG1C – DECEMBER 2016 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following section discusses the design of the external components to complete the power supply design for
several input and output voltage options by using typical applications as a reference.
8.2 Typical Application
Figure 5. TLV62569 1.8-V Output Application
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
2.5 V to 5.5 V
Output voltage
1.8 V
Maximum output current
2.0 A
(1)
See Third-party Products Disclaimer
Table 3 lists the components used for the example.
Table 3. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER(1)
C1
4.7 µF, Ceramic Capacitor, 10 V, X7R, size 0805, GRM21BR71A475KA73L
Murata
C2
10 µF, Ceramic Capacitor, 10 V, X7R, size 0805, GRM21BR71A106KE51L
Murata
L1
2.2 µH, Power Inductor, size 4mmx4mm, XAL4020-222ME
Coilcraft
R1,R2,R3
Chip resistor,1%,size 0603
Std.
C3
Optional, 6.8 pF if it is needed
Std.
8.2.2 Detailed Design Procedure
8.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TLV62569 device with the WEBENCH® Power Designer.


Similar Part No. - TLV62569DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569DBVR TI1-TLV62569DBVR Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DBVR TI1-TLV62569DBVR Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DBVR TI1-TLV62569DBVR Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62569DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com