Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63710DRRR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63710DRRR
Description  Low Noise Synchronous Inverting Buck Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63710DRRR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS63710DRRR Datasheet HTML 4Page - Texas Instruments TPS63710DRRR Datasheet HTML 5Page - Texas Instruments TPS63710DRRR Datasheet HTML 6Page - Texas Instruments TPS63710DRRR Datasheet HTML 7Page - Texas Instruments TPS63710DRRR Datasheet HTML 8Page - Texas Instruments TPS63710DRRR Datasheet HTML 9Page - Texas Instruments TPS63710DRRR Datasheet HTML 10Page - Texas Instruments TPS63710DRRR Datasheet HTML 11Page - Texas Instruments TPS63710DRRR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
_
+
+
-
VBG
GND
FB
SW
CP
VIN
EN
Current
Sensor
Gate
Control
Modulator
Oscillator
Device
Control
PG
Thermal
Shutdown
_
+
VREF
Bias
Regulator
VAUX
CAP
VOUT
gm
gm
22k
2.45k
100k
Copyright © 2017, Texas Instruments Incorporated
HSD
LSD
RECT
UVLO
Soft-Start
/EN
100
8
TPS63710
SLVSD44 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS63710
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS63710 is a dc-dc converter that generates a negative output voltage using an inverting buck topology. It
operates with an input voltage range of 3.1 V to 14 V and generates a negative output voltage down to -5.5 V. As
it is based on a step-down topology, the input voltage in absolute value needs to be larger than the negative
voltage that is generated. The output is controlled by a fixed-frequency, pulse-width-modulated (PWM) regulator.
As there is an inductor in the output path, similar to a step-down converter, the output current is continuous and
the output voltage ripple is low. This makes this topology a perfect solution for noise sensitive applications.
7.2 Functional Block Diagram
Figure 8. Block Diagram


Similar Part No. - TPS63710DRRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700 Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRC TI-TPS63700DRC Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCR TI-TPS63700DRCR Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCRG4 TI-TPS63700DRCRG4 Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCT TI-TPS63700DRCT Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
More results

Similar Description - TPS63710DRRR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5723 GMT-G5723 Datasheet
44Kb / 1P
   Synchronous Buck Converter with Low-Noise LDO Regulator
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
   Synchronous Buck Converter
logo
Linear Technology
LT8471EFE LINER-LT8471EFE Datasheet
401Kb / 6P
   Dual Output, Buck and Inverting Converter
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com