Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82480 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82480
Description  5.5-V Input, 6-A, Step-Down Converter with Integrated Inductor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82480 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPSM82480 Datasheet HTML 3Page - Texas Instruments TPSM82480 Datasheet HTML 4Page - Texas Instruments TPSM82480 Datasheet HTML 5Page - Texas Instruments TPSM82480 Datasheet HTML 6Page - Texas Instruments TPSM82480 Datasheet HTML 7Page - Texas Instruments TPSM82480 Datasheet HTML 8Page - Texas Instruments TPSM82480 Datasheet HTML 9Page - Texas Instruments TPSM82480 Datasheet HTML 10Page - Texas Instruments TPSM82480 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
TPSM82480
www.ti.com
SLVSDT1 – JULY 2017
Product Folder Links: TPSM82480
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 2. Quiescent Current
Figure 3. Shutdown Current
Figure 4. High-Side Switch Resistance
Figure 5. Low-Side Switch Resistance


Similar Part No. - TPSM82480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810SIL TI1-TPSM82810SIL Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
More results

Similar Description - TPSM82480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPSM828303 TI1-TPSM828303 Datasheet
2Mb / 33P
[Old version datasheet]   TPSM828303, 2.25-V to 5.5-V input, 1-, 2-, 3-A Step-Down Power Module With Integrated Inductor
JULY 2023
TPSM82810 TI1-TPSM82810_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810_V03 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
logo
Monolithic Power System...
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
   6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610 MPS-MPM3610 Datasheet
846Kb / 23P
   21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3620 MPS-MPM3620 Datasheet
930Kb / 24P
   24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com