Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82480MOPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82480MOPR
Description  5.5-V Input, 6-A, Step-Down Converter with Integrated Inductor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82480MOPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPSM82480MOPR Datasheet HTML 6Page - Texas Instruments TPSM82480MOPR Datasheet HTML 7Page - Texas Instruments TPSM82480MOPR Datasheet HTML 8Page - Texas Instruments TPSM82480MOPR Datasheet HTML 9Page - Texas Instruments TPSM82480MOPR Datasheet HTML 10Page - Texas Instruments TPSM82480MOPR Datasheet HTML 11Page - Texas Instruments TPSM82480MOPR Datasheet HTML 12Page - Texas Instruments TPSM82480MOPR Datasheet HTML 13Page - Texas Instruments TPSM82480MOPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
]
Hz
[
f
%
100
ns
70
DC
SW
min
×
×
=
(
)
IN
2
PEAK
OUT
IN
OUT
OUT
)
PSM
(
SW
V
I
L
V
V
V
I
2
f
×
×
-
×
×
=
10
TPSM82480
SLVSDT1 – JULY 2017
www.ti.com
Product Folder Links: TPSM82480
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.8 Active Output Discharge
The VO pin, connected to the output voltage, provides an active discharge path when the device is switched off
by setting EN Low or UVLO event. In case of being activated, this discharge circuit sinks typically 120mA for
output voltages of typically 1 V and above. If VOUT is lower, the active current sink enters linear operation mode
and the discharge current decreases.
7.3.9 Undervoltage Lockout (UVLO)
The undervoltage lockout prevents misoperation of the device, if the input voltage drops below the UVLO
threshold which is set to typically 2.3 V. The converter starts operation again once the input voltage exceeds the
threshold by a hysteresis of typically 200 mV.
7.3.10 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 160°C
(typical), the device goes in thermal shutdown with a hysteresis of about 10°C. Both the power FETs are turned
off and the PG pin goes Low. Once TJ has decreased enough, the device resumes normal operation with Soft
Start.
7.4 Device Functional Modes
7.4.1 Pulse Width Modulation (PWM) Operation
The TPSM82480 is based on a predictive OFF-time peak current control topology, operating with PWM in
continuous conduction mode for heavier loads. The switching frequency is typically 2.2MHz. Both the master and
follower phase regulate to the same VOUT level, each with a separate current loop, using the same peak current
set point, cycle by cycle. This provides excellent peak current balancing, independent of inductor dc resistance
matching. Since the follower phase operates with an adaptive delay to the master phase, phase shifted operation
is always obtained. If the load current decreases, the device runs with the master phase only (see Phase
Add/Shed and Current Balancing).
PWM only mode can be forced by pulling MODE pin High. If MODE is set Low, the device features an automatic
transition into Power Save Mode, entered at light loads, running in discontinuous conduction mode (DCM).
7.4.2 Power Save Mode (PSM) Operation
As the load current decreases to half the ripple current, the converter enters Power Save Mode operation. During
PSM, the converter operates with reduced switching frequency maintaining high conversion efficiency. Power
Save Mode is based on an adaptive peak current target, to keep output voltage ripple low. Since each pulse
shifts VOUT up, a pause time happens until VOUT trips the internal VOUT_Low threshold again and the next pulse
takes place.
The switching frequency in PSM (one phase operation) calculates as:
space
(1)
7.4.3 Minimum Duty Cycle and 100% Mode Operation
The minimum on-time, which is typically 70ns, normally determines a limit on the minimum operating duty cycle.
The calculation is:
space
(2)
space
However, a frequency foldback lowers the switching frequency depending on the duty cycle and ensures proper
regulation for every duty cycle.


Similar Part No. - TPSM82480MOPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810SIL TI1-TPSM82810SIL Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
More results

Similar Description - TPSM82480MOPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPSM828303 TI1-TPSM828303 Datasheet
2Mb / 33P
[Old version datasheet]   TPSM828303, 2.25-V to 5.5-V input, 1-, 2-, 3-A Step-Down Power Module With Integrated Inductor
JULY 2023
TPSM82810 TI1-TPSM82810_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810_V03 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
logo
Monolithic Power System...
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
   6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610 MPS-MPM3610 Datasheet
846Kb / 23P
   21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3620 MPS-MPM3620 Datasheet
930Kb / 24P
   24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com