Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5261IS-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5261IS-T13
Description  200MHz Low-Power Current Feedback Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5261IS-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5261IS-T13 Datasheet HTML 1Page - Intersil Corporation EL5261IS-T13 Datasheet HTML 2Page - Intersil Corporation EL5261IS-T13 Datasheet HTML 3Page - Intersil Corporation EL5261IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5261IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5261IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5261IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5261IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5261IS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN7387.8
September 8, 2005
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω to GND
±3.1
±3.4
±3.8
V
RL = 1kΩ to GND
±3.8
±4.0
±4.2
V
IOUT
Output Current
RL = 10Ω to GND
40
70
140
mA
SUPPLY
ISON
Supply Current - Enabled, per Amplifier
No load, VIN = 0V (EL5160, EL5161,
EL5260, EL5261)
0.6
0.75
0.85
mA
No load, VIN = 0V (EL5360)
0.6
0.8
0.92
mA
ISOFF+
Supply Current - Disabled, per Amplifier
0
10
25
µA
ISOFF-
Supply Current - Disabled, per Amplifier
No load, VIN = 0V
-25
-14
0
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
65
74
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-0.5
0.1
0.5
µA/V
ENABLE (EL5160, EL5260, EL5360 ONLY)
tEN
Enable Time
600
ns
tDIS
Disable Time
800
ns
ICE, H
CE Pin Input High Current
CE = VS+1
5
25
µA
ICE, L
CE Pin Input Low Current
CE = (VS+) - 5V
-1
0
1
µA
NOTE:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RL = 150Ω, VCE, H = VS+, VCE, L = (VS+) -3V, TA = 25°C, Unless
Otherwise Specified
. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE
FIGURE 2. FREQUENCY RESPONSE
VCC=+5V
VEE=-5V
RL=150Ω
AV=2
RF=806Ω
RG=806Ω
100K
1M
10M
100M
1G
3
1
-1
-3
-5
-7
FREQUENCY (Hz)
VCC=+5V
VEE=-5V
AV=1
RL=500Ω
RF=2800Ω
100K
1M
10M
100M
1G
FREQUENCY (Hz)
4
2
0
-2
-4
-6
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5261IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5261IS-T13 INTERSIL-EL5261IS-T13 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5261IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com