Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS7025-CQM Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS7025-CQM
Description  Serial Digital Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025-CQM Datasheet(HTML) 5 Page - Gennum Corporation

  GS7025-CQM Datasheet HTML 1Page - Gennum Corporation GS7025-CQM Datasheet HTML 2Page - Gennum Corporation GS7025-CQM Datasheet HTML 3Page - Gennum Corporation GS7025-CQM Datasheet HTML 4Page - Gennum Corporation GS7025-CQM Datasheet HTML 5Page - Gennum Corporation GS7025-CQM Datasheet HTML 6Page - Gennum Corporation GS7025-CQM Datasheet HTML 7Page - Gennum Corporation GS7025-CQM Datasheet HTML 8Page - Gennum Corporation GS7025-CQM Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
GENNUM CORPORATION
522 - 80 - 00
5
PIN CONNECTIONS
PIN DESCRIPTIONS
NUMBER
SYMBOL
TYPE
DESCRIPTION
1, 2
DDI/DDI
I
Digital data inputs (Differential ECL/PECL).
3, 44
VCC_75
I
Power supply connection for internal 75
Ω pullup resistors connected to DDI/DDI.
4, 8, 13, 22, 35
VCC
I
Most positive power supply connection.
5, 9, 14, 18, 27, 30,
33, 34, 37
VEE
I
Most negative power supply connection.
6, 7
SDI/SDI
I
Differential analog data inputs.
10
CD_ADJ
I
Carrier detect threshold adjust.
11, 12
AGC-, AGC+
I
External AGC capacitor.
15, 16, 17
LF+, LFS, LF-
I
Loop filter component connection.
19
RVCO_RTN
I
RVCO Return.
20
RVCO
I
Frequency setting resistor.
21
CBG
I
Internal bandgap voltage filter capacitor.
23, 25, 26
nc
-
No connect - Do not connect to power or ground. Leave floating.
24
270
I
270Mb/s Data Rate Select - Always set high.
28, 29
SCO/SCO
O
Serial clock output. SCO/SCO are differential current mode outputs and require
external 75
Ω pullup resistors.
31, 32
SDO/SDO
O
Equalized and reclocked serial digital data outputs. SDO/SDO are differential current
mode outputs and require external 75
Ω pullup resistors.
SDO
SDO
VEE
SCO
SCO
VEE
nc
nc
270
nc
GS7025
TOP VIEW
DDI
DDI
VCC_75
VCC
VEE
SDI
SDI
VCC
VEE
CD_ADJ
AGC-
VEE
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
12
13
14
15
16
17
18 19
20
21 22
44
43
42
41
40
39
38 37
36
35 34


Similar Part No. - GS7025-CQM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7025-CQME3 GENNUM-GS7025-CQME3 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
More results

Similar Description - GS7025-CQM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com