Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC24612 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC24612 Datasheet HTML 6Page - Texas Instruments UCC24612 Datasheet HTML 7Page - Texas Instruments UCC24612 Datasheet HTML 8Page - Texas Instruments UCC24612 Datasheet HTML 9Page - Texas Instruments UCC24612 Datasheet HTML 10Page - Texas Instruments UCC24612 Datasheet HTML 11Page - Texas Instruments UCC24612 Datasheet HTML 12Page - Texas Instruments UCC24612 Datasheet HTML 13Page - Texas Instruments UCC24612 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
VDD
VG
VS
VD
REG
10
UCC24612
SLUSCM5 – AUGUST 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Power Management
The UCC24612 synchronous-rectifier (SR) controller is powered from REG pin through the internal linear
regulator between VDD pin and REG pin. This configuration allows optimal design the gate driver stage to
achieve fast driving speed, low driving loss and higher noise immunity.
In low side configuration, as shown in Figure 5, the UCC24612 is powered from the output voltage directly.
Figure 5. UCC24612 Used in Low Side SR Configuration
During start up, the output voltage rises from 0 V. With the rising of output voltage, the internal linear regulator
operates in a passthrough mode, and the REG pin voltage rises together with the output voltage. The UVLO
function of UCC24612 monitors the voltage on REG pin instead of VDD pin. Before REG pin voltage becomes
above UVLO on threshold, UCC24612 consumes the minimum current of IVDDSTART. Once the REG voltage
rises above the UVLO on threshold, the device starts to consume the full operating current and controls the on
and off the SR MOSFETs.
When VDD voltage is above ~9.5 V, the internal linear regulator operates in regulator mode. The REG pin is well
regulated at 9.5 V. This allows the optimal driving voltage for the SR MOSFET without increasing the gate driver
loss. The internal regulator is rated at 10 mA of load regulation capability for higher switching frequency
operation. It is required to have sufficient bypass capacitor on REG pin to ensure stable operation of the linear
regulator. A 2.2 µF bypass capacitor is recommended.
When VDD voltage is below 9.5 V, the internal linear regulator operates in passthrough mode. Depending on the
load current, the regulator has a voltage drop approximately 0.2 V. The UCC24612 continue operates during this
mode until the REG pin voltage drops below UVLO turn off level.
A typical time diagram of VDD and REG pin voltage can be found in Figure 6


Similar Part No. - UCC24612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610 TI-UCC24610 Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610D TI-UCC24610D Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610D TI1-UCC24610D Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DR TI-UCC24610DR Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DR TI1-UCC24610DR Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24612

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
logo
Dialog Semiconductor
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
   Digital Green-Mode Synchronous Rectifier Controller
logo
Linear Technology
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com