Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0456270002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0456270002
Description  2.50mm Pitch SPOX Male Crimp Terminal, 22 - 24 AWG, Reel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0456270002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0456270002_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0456270002
Status:
Active
Overview:
SPOX™ BMI Connector System
Description:
2.50mm Pitch SPOX Male Crimp Terminal, 22 - 24 AWG, Reel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-45579-001-001 (PDF)
General
Product Family
Crimp Terminals
Series
45627
Application
Signal
Crimp Quality Equipment
Yes
MolexKits
Yes
Overview
SPOX™ BMI Connector System
Product Name
SPOX
UPC
822348849208
Physical
Gender
Male
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
0.067/g
Packaging Type
Reel
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.90mm max.
Wire Size AWG
22, 24
Wire Size mm²
N/A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-45579-001-001
Sales Drawing
SD-45627-002
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
45627 Series
Use With
45626
This document was generated on 10/10/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0456270002_17

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0456220000 WEIDMULLER-0456220000 Datasheet
1Mb / 52P
   SAK-series
logo
Molex Electronics Ltd.
0456260001 MOLEX11-0456260001 Datasheet
124Kb / 2P
   SPOX BMI PLUG HOUSING 6 CIRCUIT REAR ENTRY PANEL MOUNT
0456260001 MOLEX1-0456260001_17 Datasheet
32Kb / 1P
   2.50mm Pitch SPOX BMI Plug Housing, Dual Row, Panel Mount, 6 Circuits
0456260008 MOLEX6-0456260008 Datasheet
193Kb / 3P
   2.50mm (.098") Pitch SPOX BMI Plug Housing, Dual Row, Panel Mount, 8 Circuits
More results

Similar Description - 0456270002_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638281800 MOLEX-0638281800 Datasheet
20Kb / 1P
   Hand Crimp Tool for 2.50mm Pitch SPOX Crimp Terminal, 22-24 AWG
08/26/2022
0008701040 MOLEX1-0008701040_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Crimp Terminal, 22-28 AWG, Bag
0503988000 MOLEX1-0503988000_18 Datasheet
34Kb / 1P
   2.50mm and 3.30mm Pitch Crimp Terminal, Male, 22-28 AWG, Reel
0008700102 MOLEX1-0008700102_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Male Crimp Terminal, Reel
0638281900 MOLEX-0638281900 Datasheet
29Kb / 2P
   Hand Crimp Tool for 2.50mm Pitch SPOX Crimp Terminal, 22-28 AWG
08/26/2022
0008701031 MOLEX1-0008701031_17 Datasheet
39Kb / 2P
   SPOX Crimp Terminal 5194, 18-24 AWG, Brass, Reel
0008701031 MOLEX1-0008701031 Datasheet
123Kb / 3P
   SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Reel
0008701040 MOLEX1-0008701040 Datasheet
112Kb / 2P
   2.50mm (.098") Pitch SPOX??Crimp Terminal 5263, 22-28 AWG, Bag
0008700102 MOLEX1-0008700102 Datasheet
85Kb / 3P
   2.50mm (.098") Pitch SPOX??Wire-to-Wire Male Crimp Terminal, Reel
0700211021 MOLEX1-0700211021_17 Datasheet
28Kb / 1P
   SL Crimp Terminal, Male, Nickel over Tin, 22-24 AWG, Reel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com