Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANTX150P001B15163 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # ANTX150P001B15163
Description  WIRELESS COMPONENTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANTX150P001B15163 Datasheet(HTML) 4 Page - YAGEO Corporation

  ANTX150P001B15163 Datasheet HTML 1Page - YAGEO Corporation ANTX150P001B15163 Datasheet HTML 2Page - YAGEO Corporation ANTX150P001B15163 Datasheet HTML 3Page - YAGEO Corporation ANTX150P001B15163 Datasheet HTML 4Page - YAGEO Corporation ANTX150P001B15163 Datasheet HTML 5Page - YAGEO Corporation ANTX150P001B15163 Datasheet HTML 6Page - YAGEO Corporation ANTX150P001B15163 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.yageo.com
Jun. 26, 2014 V0
Wireless Components
4
7
Product specification
PCB Type Antenna
Fig. 2 Application Instruction
APPLICATION INSTRUCTION
Antenna element element should be placed at the edge of device, has minimum
clearance from metallic object:
a: 5 mm Min
b: 5 mm Min
c: 10 mm Min


Similar Part No. - ANTX150P001B15163

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX150P001B24553 YAGEO-ANTX150P001B24553 Datasheet
506Kb / 8P
   WIRELESS COMPONENTS
ANTX150P001B50003 YAGEO-ANTX150P001B50003 Datasheet
452Kb / 7P
   WIRELESS COMPONENTS
ANTX150P001BWPEN3 YAGEO-ANTX150P001BWPEN3 Datasheet
527Kb / 11P
   WIRELESS COMPONENTS
More results

Similar Description - ANTX150P001B15163

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com