Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD29027FP Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD29027FP
Description  Dual CCD Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD29027FP Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD29027FP Datasheet HTML 1Page - Hitachi Semiconductor HD29027FP Datasheet HTML 2Page - Hitachi Semiconductor HD29027FP Datasheet HTML 3Page - Hitachi Semiconductor HD29027FP Datasheet HTML 4Page - Hitachi Semiconductor HD29027FP Datasheet HTML 5Page - Hitachi Semiconductor HD29027FP Datasheet HTML 6Page - Hitachi Semiconductor HD29027FP Datasheet HTML 7Page - Hitachi Semiconductor HD29027FP Datasheet HTML 8Page - Hitachi Semiconductor HD29027FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HD29026A/HD29027/HD29028
5
Electrical Characteristics (Ta = –20 to +75°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
V
V
IL
0.6
Output voltage
V
OH
V
CC–1
V
V
IL = 0.6 V, IOH = –1 mA
V
OL
0.5
V
IH = 2.0 V, IOL = 1 mA
Input current
I
IH
——
20
µAV
I = 2.7 V
HD29026A/28 I
IL
–100
V
I = 0.4 V
HD29027
–200
Supply current
HD29026A
I
CCH
12
mA
HD29027
20
HD29028
15
HD29026A
I
CCL
——
20
HD29027
30
HD29028
25
Input current
I
I
100
µAV
I = 7 V
Input clamp voltage
V
IK
–1.5
V
I
IN = –18 mA
Note:
HD29026A/28: V
CC = 8 to 13 V
HD29027: V
CC = 4.5 to 8 V
Switching Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Fall propagation
HD29026A
t
PHL
—1620
ns
C
L = 1000 pF
V
CC = 8 V
delay time
11
15
V
CC = 12 V
HD29027
10
15
V
CC = 6 V
HD29028
10
15
V
CC = 9 V
8
13
V
CC = 12 V
Rise propagation
HD29026A
t
PLH
—1825
ns
C
L = 1000 pF
V
CC = 8 V
delay time
13
20
V
CC = 12 V
HD29027
10
15
V
CC = 6 V
HD29028
10
15
V
CC = 9 V
8
13
V
CC = 12 V


Similar Part No. - HD29027FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29027FP ETC-HD29027FP Datasheet
47Kb / 12P
   Dual CCD Drivers
logo
Renesas Technology Corp
HD29027FPEL RENESAS-HD29027FPEL Datasheet
115Kb / 12P
   Dual CCD Drivers
More results

Similar Description - HD29027FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
   Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29026A ETC-HD29026A Datasheet
47Kb / 12P
   Dual CCD Drivers
logo
Renesas Technology Corp
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
   Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
   CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
   CCD Clock Drivers
logo
Texas Instruments
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com