Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC5822NNR1R Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC5822NNR1R
Description  10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5822NNR1R Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC5822NNR1R Datasheet HTML 4Page - E-CMOS Corporation EC5822NNR1R Datasheet HTML 5Page - E-CMOS Corporation EC5822NNR1R Datasheet HTML 6Page - E-CMOS Corporation EC5822NNR1R Datasheet HTML 7Page - E-CMOS Corporation EC5822NNR1R Datasheet HTML 8Page - E-CMOS Corporation EC5822NNR1R Datasheet HTML 9Page - E-CMOS Corporation EC5822NNR1R Datasheet HTML 10Page - E-CMOS Corporation EC5822NNR1R Datasheet HTML 11Page - E-CMOS Corporation EC5822NNR1R Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
10MHz, Low-Power, CMOS,
Rail-to-Rail Dual Operational Amplifier
EC5822
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 9 of 12
Electrical Characteristics
(VDD = +5V, Vss = 0V, VCM = 0V, VOUT = VDD/2, RL=100K tied to VDD/2, SHDNB = VDD,TA = -40°C to
+125°C, unless otherwise noted. Typical values are at TA =+25°C.) (Notes 1)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply-Voltage Range
VDD
Guaranteed by the PSRR test
2.2
-
5.5
V
Quiescent Supply Current (per
Amplifier)
IDD
VDD = 3V
-
0.8
-
mA
VDD = 5V
-
0.8
1.2
Input Offset Voltage
VOS
TA = +25°C
-
-
5
mV
TA = -40°C to +85°C
-
-
-
TA = -40°C to +125°C
-
-
1.5
Input Offset Voltage Tempco
ΔVOS/ΔT
-
0.3
6
μV/°C
Input Bias Current
IB
(Note 3)
-
1
100
pA
Input Offset Current
IOS
(Note 3)
-
1
100
pA
Input Common-Mode Voltage
Range
VCM
Guaranteed by the TA = 25°C
-0.2
-
VDD+0.2
V
CMRR test TA = -40
C to +125C
0
-
VDD0
Common-Mode Rejection Ratio
CMRR
Vss-0.2V
VCMVDD+0.2V
TA = +25°C
-
75
-
dB
Vss≤VCM≤5V
TA = +25°C
65
80
-
Vss-0.2V
VCMVDD+0.2V
TA = -40°C to +125°C
-
65
-
Power-Supply Rejection Ratio
PSRR
VDD = +2.2V to +5.5V
75
90
-
dB
Open-Loop Voltage Gain
AV
RL=100k
 to VDD/2,
100mV≤VO≤VDD -125mV
90
100
-
dB
RL=1k
 to VDD/2,
200mV≤VO≤VDD -250mV
75
85
-
RL=500
 to VDD/2,
350mV≤VO≤VDD -500mV
55
65
-
Output Voltage Swing
VOUT
|VIN+-VIN-|
 10mV
VDD-VOH
-
10
35
mV
RL = 10k
 to VDD/2
VOL-VSS
-
10
30
|VIN+-VIN-|
 10mV
VDD-VOH
-
80
200
RL = 1k
 to VDD/2
VOL-VSS
-
50
150
|VIN+-VIN-|
 10mV
VDD-VOH
100
350


Similar Part No. - EC5822NNR1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5821 E-CMOS-EC5821 Datasheet
343Kb / 11P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5821NNB2R E-CMOS-EC5821NNB2R Datasheet
343Kb / 11P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5821NNM1R E-CMOS-EC5821NNM1R Datasheet
343Kb / 11P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
More results

Similar Description - EC5822NNR1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5821 E-CMOS-EC5821 Datasheet
343Kb / 11P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
TECH PUBLIC Electronics...
TPMCP6022T-ISN TECHPUBLIC-TPMCP6022T-ISN Datasheet
3Mb / 5P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
2021.6.15
logo
E-CMOS Corporation
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com