Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC5912NNR1R Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC5912NNR1R
Description  200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5912NNR1R Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC5912NNR1R Datasheet HTML 2Page - E-CMOS Corporation EC5912NNR1R Datasheet HTML 3Page - E-CMOS Corporation EC5912NNR1R Datasheet HTML 4Page - E-CMOS Corporation EC5912NNR1R Datasheet HTML 5Page - E-CMOS Corporation EC5912NNR1R Datasheet HTML 6Page - E-CMOS Corporation EC5912NNR1R Datasheet HTML 7Page - E-CMOS Corporation EC5912NNR1R Datasheet HTML 8Page - E-CMOS Corporation EC5912NNR1R Datasheet HTML 9Page - E-CMOS Corporation EC5912NNR1R Datasheet HTML 10Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
200MHz, CMOS, Rail-to-Rail
Output Operational Amplifier
EC5912
E-CMOS Corp. (www.ecmos.com.tw)
3L18N-Rev.P001
Page 9 of 10
Package Information
MSOP-8
Note:
1. Controlling Dimension: MM
2. Dimension D and E1 do not include Mold protrusion
3. Refer to Jedec standard MO187
4. Drawing is not to scale
SYMBOLS DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
--
--
1.10
--
--
0.043
A1
0.05
--
0.15
0.002
--
0.006
A2
0.75
0.85
0.95
0.030
0.033
0.037
b
0.25
--
0.40
0.010
--
0.016
C
0.13
--
0.23
0.005
--
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
E
2.90
3.00
3.10
0.114
0.118
0.122
E1
4.90 BSC
0.193 BSC
e
0.65 BSC
0.026 BSC
L
--
--
0.55
--
--
0.022
Θ
0
--
0
--


Similar Part No. - EC5912NNR1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5911 E-CMOS-EC5911 Datasheet
470Kb / 6P
   200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
EC5911NNB2R E-CMOS-EC5911NNB2R Datasheet
470Kb / 6P
   200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
EC5911NNM1R E-CMOS-EC5911NNM1R Datasheet
470Kb / 6P
   200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
More results

Similar Description - EC5912NNR1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5911 E-CMOS-EC5911 Datasheet
470Kb / 6P
   200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com