Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9288NNMHR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC9288NNMHR
Description  5V 6A 1.2MHz Synchronous Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9288NNMHR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC9288NNMHR Datasheet HTML 1Page - E-CMOS Corporation EC9288NNMHR Datasheet HTML 2Page - E-CMOS Corporation EC9288NNMHR Datasheet HTML 3Page - E-CMOS Corporation EC9288NNMHR Datasheet HTML 4Page - E-CMOS Corporation EC9288NNMHR Datasheet HTML 5Page - E-CMOS Corporation EC9288NNMHR Datasheet HTML 6Page - E-CMOS Corporation EC9288NNMHR Datasheet HTML 7Page - E-CMOS Corporation EC9288NNMHR Datasheet HTML 8Page - E-CMOS Corporation EC9288NNMHR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 12
4G18N-Rev.F001
5V 6A 1.2MHz Synchronous Boost Converter
EC9288
Symbol
Parameter
Rating
Unit
VOUT
Output and IC Supply Voltage (VOUT to GND)
-0.3 ~ 7
V
VBAT
Converter Supply Voltage (VBAT to GND)
-0.3 ~ 7
V
VSW
SW to GND Voltage
>30ns
-0.3 ~ 7
V
<30ns
-0.3 ~ 9
V
EN and FB to GND Voltage
-0.3 ~ 7
V
PGND to GND
-0.3 ~+0.3
V
TJ
Maximum Junction Temperature
150
C
TSTG
Storage Temperature
-65 ~ 150
C
TSDR
Maximum Lead Soldering Temperature (10 Seconds)
260
Absolute Maximum Ratings
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated
under "recommended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Thermal Characteristics
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions(Note 3)
Symbol
Parameter
Rating
Unit
VOUT
Output and IC Supply Voltage (VOUT to GND)
2.7 ~5.5
V
VBAT
Converter Supply Voltage (VBAT to GND)
1.8 ~ VOUT
V
VSW
SW to GND Voltage
>30ns
-0.3 ~ VOUT +0.3
V
<30ns
-3 ~ VOUT +3
V
LBI, SYNC, EN, LBO and FB to GND Voltage
0 ~ VOUT
V
TJ
Junction Temperature
-40 ~ 125
C
TA
Ambient Temperature
-40 ~ 85
Note 3 : Refer to the typical application circuit
Symbol
Parameter
Typical Value
Unit
θJA
Junction-to-Ambient Resistance in free air (Note 2)
50
θJC
Junction-to-Case Resistance
20


Similar Part No. - EC9288NNMHR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EC92 PHILIPS-EC92 Datasheet
47Kb / 3P
   R.F. TRIODE
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9208NNB3R E-CMOS-EC9208NNB3R Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
More results

Similar Description - EC9288NNMHR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7277 ANPEC-APW7277 Datasheet
387Kb / 18P
   5V 5A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8577 TECHCODE-TD8577 Datasheet
949Kb / 19P
   5V 2.1A 1.2MHz Synchronous Boost Converter
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
   300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
logo
Linear Technology
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com