Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9301AXXXA1R Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC9301AXXXA1R
Description  3A 150KHz PWM Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301AXXXA1R Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC9301AXXXA1R Datasheet HTML 7Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 8Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 9Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 10Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 11Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 12Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 13Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 14Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 15Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Function Description(Cont.)
this is the output (switch) pin, which should not have
large areas of copper.) Large areas of copper provide the
best transfer of heat (lower thermal resistance) to the
surrounding air, and moving air lowers the thermal
resistance even further.
Setting the Output Voltage
The output voltage is set using a resistive voltage divider
from the output voltage to FB(EC9301A-ADJ) The voltage
divider divides the output voltage down by the ratio:
VFB = VOUT * R1 / (R1 + R2)
Thus the output voltage is:
VOUT = 1.235 * (R1 + R2) / R1
R1 can be as high as
100KΩ, but a typical value is 10KΩ.
Using that value, R2 is determined by:
R2 ~= 8.18 * (VOUT
– 1.235) (KΩ)
For example, for a 3.3V output voltage, R1 is
10KΩ, and
R2is
17KΩ.
Inductor
The inductor is required to supply constant current to the
output load while being driven by the switched input
voltage. A larger value inductor results in less ripple
current that in turn results in lower output ripple voltage.
However, the larger value inductor has a larger physical
size, higher series resistance, and/or lower saturation
current. Choose an inductor that does not saturate under
the worst-case load conditions. A good rule for
determining the inductance is to allow the peak-to-peak
ripple current in the inductor to be approximately 30% of
the maximum load current. Also, make sure that the peak
inductor current (the load current plus half the peak to
peak inductor ripple current) is below the TBDA minimum
current limit. The inductance value can be calculated by
the equation:
L = (VOUT) * (VIN-VOUT) / VIN * f *
∆I
Where VOUT is the output voltage, VIN is the input
voltage, f is the switching frequency, and
∆I is the
peak-to-peak inductor ripple current.
Input Capacitor
The input current to the step-down converter is
discontinuous, and so a capacitor is required to supply
the AC current to the step-down converter while
maintaining the DC input voltage. A low ESR capacitor is
required to keep the noise at the IC to a minimum.
Ceramic capacitors are preferred, but tantalum or
low-ESR electrolytic capacitors may also suffice.
The input capacitor value should be greater than
10μF.
The capacitor can be electrolytic, tantalum or ceramic.
However since it absorbs the input switching current it
requires an adequate ripple current rating. Its RMS
current rating should be greater than approximately
1/2 of the DC load current.
For insuring stable operation should be placed as close
to the IC as possible. Alternately a smaller high quality
ceramic
0.1μF capacitor may be placed closer to the IC
and a larger capacitor placed further away. If using this
technique, it is recommended that the larger capacitor be
a tantalum or electrolytic type. All ceramic capacitors
should be places close to the EC9301A.
Output Capacitor
The output capacitor is required to maintain the DC
output voltage. Low ESR capacitors are preferred to
keep the output voltage ripple low. The characteristics of
the output capacitor also affect the stability of the
regulation control system. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended. In the
case of ceramic capacitors, the impedance at the
switching frequency is dominated by the capacitance,


Similar Part No. - EC9301AXXXA1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9301H E-CMOS-EC9301H Datasheet
1,003Kb / 14P
   3A 150KHz PWM Buck DC/DC Converter
EC9301HXXXAAR E-CMOS-EC9301HXXXAAR Datasheet
1,003Kb / 14P
   3A 150KHz PWM Buck DC/DC Converter
More results

Similar Description - EC9301AXXXA1R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com