Electronic Components Datasheet Search |
|
DL4739A Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
DL4739A Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 3 page 3.3V - 100V Nominal 1.0W ZENER DIODE Characteristic Symbol Value Unit Zener Current (see Table page 2) IZ Pd / VZ mA Power Dissipation Derate Above 50°C (Note 1) Pd 1.0 6.67 W mW/°C Thermal Resistance - Junction to Ambient Air RqJA 170 °C/W Forward Voltage @ IF = 200 mA VF 1.2 V Operating and Storage Temperature Range Tj, TSTG -65 to + 175 °C Note: 1. Valid provided that leads are kept at TL @ 50°C with lead length = 9.5mm (3/8”) from case. 2. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied where applicable, see EU Directive Annex Notes 5 and 7. Maximum Ratings Mechanical Data · 1.0 Watt Power Dissipation · Zener Voltage · Standard VZ Tolerance is 5% · Lead Free Finish, RoHS Compliant · Case: LL-41 / MELF · Case Material: Glass. UL Flammability Classification Rating 94V-0 · Moisture Sensitivity: Level 1 per J-STD-020C · Terminals: Finish ¾ Sn96.5Ag3.5. Solderable per MIL-STD-202, Method 208 · Polarity: Cathode Band · Marking: Type Number · Weight: 0.25 grams (approximate) Features @ TA = 25°C unless otherwise specified 1 of 3 DL4728A - DL4764A DL4728A - DL4764A www.senocn.com Z ibo Seno Electronic Engineering Co., Ltd. LL-41 / MELF Alldatasheet |
Similar Part No. - DL4739A |
|
Similar Description - DL4739A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |