Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7136CM44ZT Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL7136CM44ZT
Description  3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7136CM44ZT Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL7136CM44ZT Datasheet HTML 3Page - Intersil Corporation ICL7136CM44ZT Datasheet HTML 4Page - Intersil Corporation ICL7136CM44ZT Datasheet HTML 5Page - Intersil Corporation ICL7136CM44ZT Datasheet HTML 6Page - Intersil Corporation ICL7136CM44ZT Datasheet HTML 7Page - Intersil Corporation ICL7136CM44ZT Datasheet HTML 8Page - Intersil Corporation ICL7136CM44ZT Datasheet HTML 9Page - Intersil Corporation ICL7136CM44ZT Datasheet HTML 10Page - Intersil Corporation ICL7136CM44ZT Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN3086.6
July 21, 2005
are connected to the external pins. The converter then
integrates the differential voltage between IN HI and IN LO
for a fixed time. This differential voltage can be within a wide
common mode range: up to 1V from either supply. If, on the
other hand, the input signal has no return with respect to the
converter power supply, IN LO can be tied to analog
COMMON to establish the correct common mode voltage. At
the end of this phase, the polarity of the integrated signal is
determined.
De-Integrate Phase
The final phase is de-integrate, or reference integrate. Input
low is internally connected to analog COMMON and input
high is connected across the previously charged reference
capacitor. Circuitry within the chip ensures that the capacitor
will be connected with the correct polarity to cause the
integrator output to return to zero. The time required for the
output to return to zero is proportional to the input signal.
Specifically the digital reading displayed is:
.
Zero Integrator Phase
The final phase is zero integrator. First, input low is shorted to
analog COMMON. Second, the reference capacitor is charged
to the reference voltage. Finally, a feedback loop is closed
around the system to IN HI to cause the integrator output to
return to zero. Under normal conditions, this phase lasts for
between 11 to 140 clock pulses, but after a “heavy” overrange
conversion, it is extended to 740 clock pulses.
Differential Input
The input can accept differential voltages anywhere within the
common mode range of the input amplifier, or specifically from
0.5V below the positive supply to 1V above the negative supply.
In this range, the system has a CMRR of 86dB typical.
However, care must be exercised to assure the integrator
output does not saturate. A worst case condition would be a
large positive common mode voltage with a near full scale
negative differential input voltage. The negative input signal
drives the integrator positive when most of its swing has been
used up by the positive common mode voltage. For these
critical applications the integrator output swing can be reduced
to less than the recommended 2V full scale swing with little loss
of accuracy. The integrator output can swing to within 0.3V of
either supply without loss of linearity.
Differential Reference
The reference voltage can be generated anywhere within the
power supply voltage of the converter. The main source of
common mode error is a roll-over voltage caused by the
reference capacitor losing or gaining charge to stray
capacity on its nodes. If there is a large common mode
voltage, the reference capacitor can gain charge (increase
voltage) when called up to de-integrate a positive signal but
lose charge (decrease voltage) when called up to de-
integrate a negative input signal. This difference in reference
for positive or negative input voltage will give a roll-over
error. However, by selecting the reference capacitor such
that it is large enough in comparison to the stray
capacitance, this error can be held to less than 0.5 count
worst case. (See Component Value Selection.)
DISPLAY READING = 1000
VIN
VREF
---------------



DE-
DE+
CINT
CAZ
RINT
BUFFER
A-Z
INT
-
+
A-Z
COMPARATOR
IN HI
COMMON
IN LO
31
32
30
DE-
DE+
INT
A-Z
34
CREF
+
36
REF HI
CREF
REF LO
35
A-Z,
A-Z,
33
CREF-
28
29
27
TO
DIGITAL
SECTION
A-Z AND DE
(±)
INTEGRATOR
INT
STRAY
STRAY
V+
10
µA
V-
N
INPUT
HIGH
2.8V
6.2V
V+
1
INPUT
LOW
-
+
-
+
-
+
ZI
ZI
AND ZI
ZI
26
FIGURE 2. ANALOG SECTION OF ICL7136
ICL7136


Similar Part No. - ICL7136CM44ZT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7136CM44ZT INTERSIL-ICL7136CM44ZT Datasheet
498Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
logo
Renesas Technology Corp
ICL7136CM44ZT RENESAS-ICL7136CM44ZT Datasheet
793Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
More results

Similar Description - ICL7136CM44ZT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7136 RENESAS-ICL7136 Datasheet
793Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
logo
Intersil Corporation
ICL7136CPL INTERSIL-ICL7136CPL Datasheet
498Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7131 INTERSIL-HI7131 Datasheet
209Kb / 21P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com