Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL4758A Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # DL4758A
Description  1 .0 W ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

DL4758A Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  DL4758A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd DL4758A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd DL4758A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type
Number
Nominal Zener
Voltage (Note 3)
Test
Current
Maximum Zener Impedance
(Note 4)
Maximum Reverse
Leakage Current
Max Surge
Current
8.3ms
Temperature
Coefficient
@ IZT
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
IZS
(V)
(mA)
(W
)
(W
)
(mA)
(µA)
(V)
(mA)
%/°C
DL4728A
3.3
76
10
400
1.0
100
1.0
1380
-0.08 to -0.05
DL4729A
3.6
69
10
400
1.0
100
1.0
1260
-0.08 to -0.05
DL4730A
3.9
64
9.0
400
1.0
50
1.0
1190
-0.07 to -0.02
DL4731A
4.3
58
9.0
400
1.0
10
1.0
1070
-0.07 to -0.01
DL4732A
4.7
53
8.0
500
1.0
10
1.0
970
-0.03 to +0.04
DL4733A
5.1
49
7.0
550
1.0
10
1.0
890
-0.01 to +0.04
DL4734A
5.6
45
5.0
600
1.0
10
2.0
810
0 to +0.045
DL4735A
6.2
41
2.0
700
1.0
10
3.0
730
+0.01 to +0.055
DL4736A
6.8
37
3.5
700
1.0
10
4.0
660
+0.015 to +0.06
DL4737A
7.5
34
4.0
700
0.5
10
5.0
605
+0.02 to +0.065
DL4738A
8.2
31
4.5
700
0.5
10
6.0
550
0.03 to 0.07
DL4739A
9.1
28
5.0
700
0.5
10
7.0
500
0.035 to 0.075
DL4740A
10
25
7.0
700
0.25
10
7.6
454
0.04 to 0.08
DL4741A
11
23
8.0
700
0.25
5.0
8.4
414
0.045 to 0.08
DL4742A
12
21
9.0
700
0.25
5.0
9.1
380
0.045 to 0.085
DL4743A
13
19
10
700
0.25
5.0
9.9
344
0.05 to 0.085
DL4744A
15
17
14
700
0.25
5.0
11.4
304
0.055 to 0.09
DL4745A
16
15.5
16
700
0.25
5.0
12.2
285
0.055 to 0.09
DL4746A
18
14
20
750
0.25
5.0
13.7
250
0.06 to 0.09
DL4747A
20
12.5
22
750
0.25
5.0
15.2
225
0.06 to 0.09
DL4748A
22
11.5
23
750
0.25
5.0
16.7
205
0.06 to 0.095
DL4749A
24
10.5
25
750
0.25
5.0
18.2
190
0.06 to 0.095
DL4750A
27
9.5
35
750
0.25
5.0
20.6
170
0.06 to 0.095
DL4751A
30
8.5
40
1000
0.25
5.0
22.8
150
0.06 to 0.095
DL4752A
33
7.5
45
1000
0.25
5.0
25.1
135
0.06 to 0.095
DL4753A
36
7.0
50
1000
0.25
5.0
27.4
125
0.06 to 0.095
DL4754A
39
6.5
60
1000
0.25
5.0
29.7
115
0.06 to 0.095
DL4755A
43
6.0
70
1500
0.25
5.0
32.7
110
0.06 to 0.095
DL4756A
47
5.5
80
1500
0.25
5.0
35.8
95
0.06 to 0.095
DL4757A
51
5.0
95
1500
0.25
5.0
38.8
90
0.06 to 0.095
DL4758A
56
4.5
110
2000
0.25
5.0
42.6
80
0.06 to 0.095
DL4759A
62
4.0
125
2000
0.25
5.0
47.1
70
0.06 to 0.095
DL4760A
68
3.7
150
2000
0.25
5.0
51.7
65
0.06 to 0.095
DL4761A
75
3.3
175
2000
0.25
5.0
56.0
60
0.06 to 0.095
Notes:
3. Measured under thermal equilibrium and dc (IZT) test conditions.
4. The Zener impedance is derived from the 60 Hz ac voltage which results when an ac current having an rms value equal to
10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a
sharp knee on the breakdown curve and to eliminate unstable units.
Electrical Characteristics @ TA = 25°C unless otherwise specified
2 of 3
DL4728A - DL4764A
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
DL4762A
82
3.0
200
3000
0.25
5.0
62.2
55
0.06 to 0.095
DL4763A
91
2.8
250
3000
0.25
5.0
69.2
50
0.06 to 0.095
DL4764A
100
2.5
350
3000
0.25
5.0
76.0
45
0.06 to 0.095
DL4728A - DL4764A
Alldatasheet


Similar Part No. - DL4758A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4758A RECTRON-DL4758A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Rugao Dachang Electroni...
DL4758A DACHANG-DL4758A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Formosa MS
DL4758A FORMOSA-DL4758A Datasheet
82Kb / 3P
   Zener diode
logo
SeCoS Halbleitertechnol...
DL4758A SECOS-DL4758A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Formosa MS
DL4758A FORMOSA-DL4758A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - DL4758A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1N4728A ZSELEC-1N4728A Datasheet
119Kb / 3P
   1 .0 W ZENER DIODE
logo
Formosa MS
ZS300-BL FORMOSA-ZS300-BL Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
SHIKUES Electronics
RD4.7P SKTECHNOLGY-RD4.7P Datasheet
257Kb / 1P
   1 W POWER MINI MOLD ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
   10 mA0 Volts Switching Diode
logo
Frontier Electronics.
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com