Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V631S15BF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70V631S15BF
Description  HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V631S15BF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70V631S15BF Datasheet HTML 1Page - Integrated Device Technology IDT70V631S15BF Datasheet HTML 2Page - Integrated Device Technology IDT70V631S15BF Datasheet HTML 3Page - Integrated Device Technology IDT70V631S15BF Datasheet HTML 4Page - Integrated Device Technology IDT70V631S15BF Datasheet HTML 5Page - Integrated Device Technology IDT70V631S15BF Datasheet HTML 6Page - Integrated Device Technology IDT70V631S15BF Datasheet HTML 7Page - Integrated Device Technology IDT70V631S15BF Datasheet HTML 8Page - Integrated Device Technology IDT70V631S15BF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
IDT70V631S
High-Speed 3.3V 256K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Names
NOTES:
1. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to
applying inputs on I/OX.
2. OPTX selects the operating voltage levels for the I/Os and controls on that port.
If OPTX is set to VIH (3.3V), then that port's I/Os and controls will operate at 3.3V
levels and VDDQX must be supplied at 3.3V. If OPTX is set to VIL (0V), then that
port's I/Os and controls will operate at 2.5V levels and VDDQX must be supplied
at 2.5V. The OPT pins are independent of one another—both ports can operate
at 3.3V levels, both can operate at 2.5V levels, or either can operate at 3.3V
with the other at 2.5V.
Left Port
Right Port
Names
CE0L,
CE1L
CE0R,
CE1R
Chip Enables
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A17L
A0R - A17R
Address
I/O0L - I/O17L
I/O0R - I/O17R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
VDDQL
VDDQR
Power (I/O Bus) (3.3V or 2.5V)(1)
OPTL
OPTR
Option for selecting VDDQX(1,2)
M/S
Master or Slave Select
VDD
Power (3.3V)(1)
VSS
Ground (0V)
TDI
Test Data Input
TDO
Test Data Output
TCK
Test Logic Clock (10MHz)
TMS
Test Mode Select
TRST
Reset (Initialize TAP Controller)
5622 tbl 01


Similar Part No. - IDT70V631S15BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S Datasheet
198Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S Datasheet
231Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S_13 Datasheet
198Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S_17 Datasheet
231Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V631S15BF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V631 RENESAS-70V631 Datasheet
511Kb / 25P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S_13 Datasheet
198Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S_17 Datasheet
231Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633_12 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com