Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V3577SA Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT71V3577SA
Description  128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3577SA Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT71V3577SA Datasheet HTML 4Page - Integrated Device Technology IDT71V3577SA Datasheet HTML 5Page - Integrated Device Technology IDT71V3577SA Datasheet HTML 6Page - Integrated Device Technology IDT71V3577SA Datasheet HTML 7Page - Integrated Device Technology IDT71V3577SA Datasheet HTML 8Page - Integrated Device Technology IDT71V3577SA Datasheet HTML 9Page - Integrated Device Technology IDT71V3577SA Datasheet HTML 10Page - Integrated Device Technology IDT71V3577SA Datasheet HTML 11Page - Integrated Device Technology IDT71V3577SA Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6.42
8
IDT71V3577, IDT71V3579, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Flow-Through Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Pin Configuration – 256K x 18, 165 fBGA
Pin Configuration – 128K x 36, 165 fBGA
NOTES:
1. H1 does not have to be directly VSS as long as input voltage is < VIL
2. These pins are NC for the "S" version or the JTAG signal listed for the "SA" version. Note: If NC, these pins can either be tied to VSS, VDD or left floating.
3. H11 can be left unconnected and the device will always remain in active mode.
4. Pins P11, N6, B11, A1, R2 and P2 are reserved for 9M, 18M, 36M, 72M, 144M and 288M respectively.
5.
TRST is offered as an optional JTAG Reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD.
1
2
34
56
78
9
10
11
ANC(4)
A7
CE1
BW3
BW2
CS1
BWE
ADSC
ADV
A8
NC
BNC
A6
CS0
BW4
BW1
CLK
GW
OE
ADSP
A9
NC(4)
CI/OP3
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
I/OP2
DI/O17
I/O16
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O15
I/O14
EI/O19
I/O18
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O13
I/O12
FI/O21
I/O20
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O11
I/O10
GI/O23
I/O22
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O9
I/O8
HVSS(1)
NC
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ(3)
JI/O25
I/O24
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O7
I/O6
KI/O27
I/O26
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O5
I/O4
LI/O29
I/O28
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O3
I/O2
MI/O31
I/O30
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O1
I/O0
NI/OP4
NC
VDDQ
VSS
NC/
TRST (2,5)
NC(4)
NC
VSS
VDDQ
NC
I/OP1
PNC
NC(4)
A5
A2
NC/TDI(2)
A1
NC/TDO(2)
A10
A13
A14
NC(4)
R
LBO
NC(4)
A4
A3
NC/TMS(2)
A0
NC/TCK(2)
A11
A12
A15
A16
5280 tb l 17
1
234567
8
9
10
11
ANC(4)
A7
CE1
BW2
NC
CS1
BWE
ADSC
ADV
A8
A10
BNC
A6
CS0
NC
BW1
CLK
GW
OE
ADSP
A9
NC(4)
CNC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
I/OP1
DNC
I/O8
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O7
ENC
I/O9
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O6
FNC
I/O10
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O5
GNC
I/O11
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O4
HVSS(1)
NC
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ(3)
JI/O12
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O3
NC
KI/O13
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O2
NC
LI/O14
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O1
NC
MI/O15
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O0
NC
NI/OP2
NC
VDDQ
VSS
NC/
TRST(2,5)
NC(4)
NC
VSS
VDDQ
NC
NC
PNC
NC(4)
A5
A2
NC/TDI(2)
A1
NC/TDO(2)
A11
A14
A15
NC(4)
R
LBO
NC(4)
A4
A3
NC/TMS(2)
A0
NC/TCK(2)
A12
A13
A16
A17
5280 tbl 17a


Similar Part No. - IDT71V3577SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V35761 IDT-IDT71V35761 Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S166BG IDT-IDT71V35761S166BG Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S166BGG IDT-IDT71V35761S166BGG Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V3577SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2577 IDT-IDT71V2577 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V67703 IDT-IDT71V67703 Datasheet
975Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67703 RENESAS-71V67703 Datasheet
301Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
Aug.11.21
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
logo
Integrated Device Techn...
IDT71V67702 IDT-IDT71V67702 Datasheet
514Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com