Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3106A12S-10SW Datasheet(PDF) 9 Page - DDK Ltd.

Part # DMS3106A12S-10SW
Description  MIL-DTL-5015 Style Circular Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3106A12S-10SW Datasheet(HTML) 9 Page - DDK Ltd.

Back Button DMS3106A12S-10SW Datasheet HTML 5Page - DDK Ltd. DMS3106A12S-10SW Datasheet HTML 6Page - DDK Ltd. DMS3106A12S-10SW Datasheet HTML 7Page - DDK Ltd. DMS3106A12S-10SW Datasheet HTML 8Page - DDK Ltd. DMS3106A12S-10SW Datasheet HTML 9Page - DDK Ltd. DMS3106A12S-10SW Datasheet HTML 10Page - DDK Ltd. DMS3106A12S-10SW Datasheet HTML 11Page - DDK Ltd. DMS3106A12S-10SW Datasheet HTML 12Page - DDK Ltd. DMS3106A12S-10SW Datasheet HTML 13Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
http://www.ddknet.co.jp
D/MS A/B Series
9
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
Insert
No.
Number
of
Contact
Service
Rating
Contact Size
Receptacle
Plug
#0
#4
#8 #12 #16
D/MS
3100A
D/MS
3101A
D/MS
3102A
D/MS
3106A
D/MS
3106B
D/MS
3108B
10SL-3
3
A
3
Pin insert only
Socket
insert only
10SL-4
2
A
2
Pin insert only
Socket
insert only
12S-3
2
A
2
14S-1
3
A
3
14S-2
4
INST
4
14S-5
5
INST
5
14S-6
6
INST
6
14S-7
3
A
3
14S-9
2
A
2
16S-1
7
A
7
16S-5
3
A
3
16S-8
5
A
5
16-10
3
A
3
18-1
10
A
4
INST
6
18-4
4
D
4
18-5
3
D
2
1
18-8
8
A
1
7
18-10
4
A
4
18-11
5
A
5
18-12
6
A
6
18-19
10
A
10
18-20
5
A
5
18-21
3
A
3
18-22
3
D
3
20-2
1
D
1
20-4
4
D
4
20-7
8
D
4
A
4
20-15
7
A
7
20-16
9
A
2
7
20-17
6
A
5
1
20-18
9
A
3
6
20-22
6
A
3
3
20-23
2
A
2
20-27
14
A
14
20-29
17
A
17
22-2
3
D
3
22-10
4
E
4
22-14
19
A
19
22-19
14
A
14
22-22
4
A
4
22-23
8
D
1
A
7
22-28
7
A
7
○Insert Arrangement List
● symbol means both pin and receptacle contacts are available


Similar Part No. - DMS3106A12S-10SW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A12S-29PW(D190) DDK-DMS3106A12S-29PW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A12S-29PX(D190) DDK-DMS3106A12S-29PX(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A12S-29PY(D190) DDK-DMS3106A12S-29PY(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A12S-29PZ(D190) DDK-DMS3106A12S-29PZ(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A12S-29SW(D190) DDK-DMS3106A12S-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results

Similar Description - DMS3106A12S-10SW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com